công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMDB03C bảng dữ liệu(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

tên linh kiện SMDB03C
Giải thích chi tiết về linh kiện  Green Products
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Trang chủ  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SMDB03C bảng dữ liệu(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SMDB03C Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMDB03C Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMDB03C Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMDB03C Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Green Products
Data Sheet N0426, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SMDB03C
THRU
SMDB24C
Circuit Diagram
Ordering Information:
Device
Package
Shipping
SMDB03C THRU SMDB24C
SO-8 (Pb-Free)
2500pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
The SMDBxxC series of devices are designed to protect up to
four data lines. The devices are connected as follows:
✔ The SMDBxxC are bidirectional devices and are designed for
use on line where the normal operating voltage is above
ground. Pins 1, 2, 3, and 4 are connected to the protected
lines. Pins 5, 6, 7, and 8 are connected to ground. Since the
device is electrically symmetrical, these connections may be
reversed. The ground connections should be made directly
to the ground plane for best results. The path length is kept
as short as possible to reduce the effects of parasitic
inductance in the board traces.



Html Pages

1 2 3 4