| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PR5021 bảng dữ liệu(PDF) 4 Page - PREMA Semiconductor. |
|
|
|||||||||||||||||||||||||||||
PR5021 bảng dữ liệu(HTML) 4 Page - PREMA Semiconductor. |
|
4 / 8 page ![]() Photodiode PR5020/21 Electrical and optical Characteristics SENSITIVITY AFFECTED BY REVERSE VOLTAGE The spectral sensitivity increases by a few per- cent when reverse voltages are applied to the photodiodes. The diagram shows the relative deviation of the photocurrent to the zero-bias value. The devi- ation changes insignificantly when illumination is changed. Neither the size nor the position of the photodiodes affect the deviation signific- antly. Please notice that the relative deviation in- creases if the adjacent photodiode is not biased. In that case also the size of the photodi- ode and the illumination affect the difference in photocurrent measured with increased reverse voltage. CAPACITANCE The diagram illustrates the dependency of the capacitances on the applied reverse voltage of the PR5020 (orange) and the PR5021 (blue). Both types have two identical photodiodes C1 and C3 (dashed lines) and a single photodiode C2 located in the center of the dies (solid lines). The capacitances of the photodiodes are pro- portional to their area and decrease with re- verse voltage due to the reduction of the space- charge region. Taking the area of each photodiode into ac- count leads to a capacitance density of about 157 pF/mm2 at zero reverse voltage. The de- crease of the capacitance with increasing re- verse voltage is identical for all photodiodes and shown in the inset. © PREMA Semiconductor GmbH 2018 I rev. 5119 Page 4/8 |