công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D4SL-N2CDGD4N bảng dữ liệu(PDF) 2 Page - Omron Electronics LLC

tên linh kiện D4SL-N2CDGD4N
Giải thích chi tiết về linh kiện  Worlds smallest Class 6-contact Guard Lock Safety-door Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4SL-N2CDGD4N bảng dữ liệu(HTML) 2 Page - Omron Electronics LLC

  D4SL-N2CDGD4N Datasheet HTML 1Page - Omron Electronics LLC D4SL-N2CDGD4N Datasheet HTML 2Page - Omron Electronics LLC D4SL-N2CDGD4N Datasheet HTML 3Page - Omron Electronics LLC D4SL-N2CDGD4N Datasheet HTML 4Page - Omron Electronics LLC D4SL-N2CDGD4N Datasheet HTML 5Page - Omron Electronics LLC D4SL-N2CDGD4N Datasheet HTML 6Page - Omron Electronics LLC D4SL-N2CDGD4N Datasheet HTML 7Page - Omron Electronics LLC D4SL-N2CDGD4N Datasheet HTML 8Page - Omron Electronics LLC D4SL-N2CDGD4N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
D4SL-N / D4SL-NSK10-LK
@
2
Model Number Structure
Model Number Legend
(1) Conduit Size
(2) Built-in Switch
(3) Head Material
(4) Door Lock and Release
(5) Indicator
(6) Release Key Type
(7) Connection Method
*1. M20, includes M20-to-1/2-14NPT conversion adapter.
*2. Connector cables are not included with the connector type and are to be purchased separately.
D4SL-N
@@@@-@@@(7)
Switch (Standard type)
(6)
(5)
(4)
(3)
(2)
(1)
Contact Model
Conduit Size
4-contact Model
5-contact Model
6-contact Model
2: G1/2
3: 1/2-14NPT *1
4: M20
Contact Model
Built-in Switch
4-contact Model
Door monitor and Lock monitor are connected in series
internally.
A
: 1NC/1NO
+ 1NC/1NO
B
: 1NC/1NO
+ 2NC
C
: 2NC
+ 1NC/1NO
D
: 2NC
+ 2NC
Door monitor and Lock monitor are NOT connected in
series internally.
S
: 1NC/1NO
+ 1NC/1NO
T
: 1NC/1NO
+ 2NC
U
: 2NC
+ 1NC/1NO
V
: 2NC
+ 2NC
5-contact Model
E
: 2NC/1NO
+ 1NC/1NO
F
: 2NC/1NO
+ 2NC
G
: 3NC
+ 1NC/1NO
H
: 3NC
+ 2NC
6-contact Model
N
: 2NC/1NO
+ 2NC/1NO
P
: 2NC/1NO
+ 3NC
Q
: 3NC
+ 2NC/1NO
R
: 3NC
+ 3NC
Contact Model
Head Material
4-contact Model
F: Resin
5-contact Model
6-contact Model
F: Resin
D: Metal
Common
Common
Contact Model
Door Lock and Release
4-contact Model
5-contact Model
6-contact Model
A
: Mechanical lock/24VDC solenoid release
G: 24VDC solenoid lock/mechanical release
Contact Model
Indicator
4-contact Model
−: None
5-contact Model
6-contact Model
D: 24VDC (orange LED indicator)
Contact Model
Release Key Type
4-contact Model
−: Standard release key (metal)
5-contact Model
6-contact Model
−: Standard release key (metal)
4: Special release key (resin)
(Note:Release keys are provided.)
Contact Model
Connection Method
4-contact Model
5-contact Model
6-contact Model
−: Terminal block
N: Connector *2
Common
Common
Common
Common
(2) Key Type
−: No cushion rubber
G: Cushion rubber
S: No cushion rubber, short type
(1) Operation Key Type
1: Horizontal mounting
2: Vertical mounting
3: Adjustable mounting (horizontal)
D4SL-N K
@@
(1) (2)
Operation key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com