công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D4SL-N2CFGD4N bảng dữ liệu(PDF) 3 Page - Omron Electronics LLC

tên linh kiện D4SL-N2CFGD4N
Giải thích chi tiết về linh kiện  Worlds smallest Class 6-contact Guard Lock Safety-door Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4SL-N2CFGD4N bảng dữ liệu(HTML) 3 Page - Omron Electronics LLC

  D4SL-N2CFGD4N Datasheet HTML 1Page - Omron Electronics LLC D4SL-N2CFGD4N Datasheet HTML 2Page - Omron Electronics LLC D4SL-N2CFGD4N Datasheet HTML 3Page - Omron Electronics LLC D4SL-N2CFGD4N Datasheet HTML 4Page - Omron Electronics LLC D4SL-N2CFGD4N Datasheet HTML 5Page - Omron Electronics LLC D4SL-N2CFGD4N Datasheet HTML 6Page - Omron Electronics LLC D4SL-N2CFGD4N Datasheet HTML 7Page - Omron Electronics LLC D4SL-N2CFGD4N Datasheet HTML 8Page - Omron Electronics LLC D4SL-N2CFGD4N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
D4SL-N / D4SL-NSK10-LK
@
3
Ordering Information
List of Models
Note: The recommended models for equipment and machinery being exported to Europe are those with an M20 conduit sizes, and for North
America, the recommended models are those with a 1/2-14NPT conduit sizes.
Release
Key Type
Wiring
method
Solenoid voltage/
Indicator
Lock and
release type
Contact configuration
(door open/closed detection switch
and lock monitor switch contacts)
Conduit
size
(See Note.)
Model
Standard
(metal)
Connector
24VDC
(Orange)
Mechanical lock
Solenoid release
6-contact Model
Insert the built-in switch (N, P, Q or R)
into the blank
@.
G1/2
D4SL-N2
@FA-DN
1/2-14NPT
D4SL-N3
@FA-DN
M20
D4SL-N4
@FA-DN
5-contact Model
Insert the built-in switch (E, F, G or H)
into the blank
@.
G1/2
D4SL-N2
@FA-DN
1/2-14NPT
D4SL-N3
@FA-DN
M20
D4SL-N4
@FA-DN
24VDC
(without indicator)
4-contact Model
Insert the built-in switch (A, B, C, D, S,
T, U or V) into the blank
@.
G1/2
D4SL-N2
@FA-N
1/2-14NPT
D4SL-N3
@FA-N
M20
D4SL-N4
@FA-N
Terminal
block
24VDC
(Orange)
6-contact Model
Insert the built-in switch (N, P, Q or R)
into the blank
@.
G1/2
D4SL-N2
@FA-D
1/2-14NPT
D4SL-N3
@FA-D
M20
D4SL-N4
@FA-D
5-contact Model
Insert the built-in switch (E, F, G or H)
into the blank
@.
G1/2
D4SL-N2
@FA-D
1/2-14NPT
D4SL-N3
@FA-D
M20
D4SL-N4
@FA-D
24VDC
(without indicator)
4-contact Model
Insert the built-in switch (A, B, C, D, S,
T, U or V) into the blank
@.
G1/2
D4SL-N2
@FA
1/2-14NPT
D4SL-N3
@FA
M20
D4SL-N4
@FA
Connector
24VDC
(Orange)
Solenoid lock
Mechanical
release
6-contact Model
Insert the built-in switch (N, P, Q or R)
into the blank
@.
G1/2
D4SL-N2
@FG-DN
1/2-14NPT
D4SL-N3
@FG-DN
M20
D4SL-N4
@FG-DN
5-contact Model
Insert the built-in switch (E, F, G or H)
into the blank
@.
G1/2
D4SL-N2
@FG-DN
1/2-14NPT
D4SL-N3
@FG-DN
M20
D4SL-N4
@FG-DN
24VDC
(without indicator)
4-contact Model
Insert the built-in switch (A, B, C, D, S,
T, U or V) into the blank
@.
G1/2
D4SL-N2
@FG-N
1/2-14NPT
D4SL-N3
@FG-N
M20
D4SL-N4
@FG-N
Terminal
block
24VDC
(Orange)
6-contact Model
Insert the built-in switch (N, P, Q or R)
into the blank
@.
G1/2
D4SL-N2
@FG-D
1/2-14NPT
D4SL-N3
@FG-D
M20
D4SL-N4
@FG-D
5-contact Model
Insert the built-in switch (E, F, G or H)
into the blank
@.
G1/2
D4SL-N2
@FG-D
1/2-14NPT
D4SL-N3
@FG-D
M20
D4SL-N4
@FG-D
24VDC
(without indicator)
4-contact Model
Insert the built-in switch (A, B, C, D, S,
T, U or V) into the blank
@.
G1/2
D4SL-N2
@FG
1/2-14NPT
D4SL-N3
@FG
M20
D4SL-N4
@FG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com