| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PWCT2115SFVMHPR bảng dữ liệu(PDF) 63 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PWCT2115SFVMHPR bảng dữ liệu(HTML) 63 Page - NXP Semiconductors |
|
63 / 65 page ![]() Table 35. Revision History Rev. No. Date Substantial Changes • VLPS → VLPR • RUN → VLPS • RUN → VLPR • In Power consumption : • Updated specs • Removed section 'Modes configuration', amd moved its content under the fisrt paragraph. • Updated footnote 'Typical current numbers are indicative ...' • Updated footnote 'The MWCT1016S data ...' • Removed footnote 'Above MWCT1016S data is preliminary targets only' • In General AC specifications : • Updated max value and footnote of WFRST • Updated symbol for not filtered pulse to 'WNFRST', updated min value, removed max. value, and added footnote • Fixed naming conventions to align with DS in DC electrical specifications at 3.3 V Range and DC electrical specifications at 5.0 V Range • Updated specs for AC electrical specifications at 3.3 V range and AC electrical specifications at 5 V range • In Device clock specifications : • Added footnote to fBUS • In External System Oscillator frequency specifications : • Updated 'tdc_extal' • Added footnote 'Frequecies below ... ' to 'fec_extal' and 'tdc_extal' • Updated Flash timing specifications — commands • In Reliability specifications : • Updated footnotes • In QuadSPI AC specifications : • Updated 'MCR[SCLKCFG[5]]' value to 0 • Updated 'Data Input Setup Time' HSRUN Internal DQS PAD Loopback value to 1.6 • Updated 'Data Input Setup Time' DDR External DQS min. value to 2 • Updated 'Data Input Hold Time' DDR External DQS min. value to 20 • Updated tIV • Upadted figure 'QuadSPI output timing (SDR mode) diagram' and 'QuadSPI input timing (HyperRAM mode) diagram' • In 12-bit ADC operating conditions : • Fixed the typo in RSW1 • Removed parameter ' ΔVDDA' • In 12-bit ADC electrical characteristics : • Added note 'On reduced pin packages where ... ' • Removed max. value of 'IDDA_ADC' • Added note 'Due to triple ... ' • In CMP with 8-bit DAC electrical specifications : • Updated Typ. and Max. values of 'IDDLS' • Upadted Typ. value of 'tDHSB' • Updated Typ. value of 'VHYST1' , 'VHYST2', and 'VHYST3' • In LPSPI electrical specifications : • Updated 'fperiph' and 'fop', and 'tSPSCK' • Updated 3.3 V numbers and added footnote against fop, tSU, ans tV in HSRUN Mode • Added footnote to 'tWSPSCK' Table continues on the next page... Revision History MWCT101XS Data Sheet, Rev. 3, 12/2019 NXP Semiconductors 63 |