| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2460 bảng dữ liệu(PDF) 7 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
2460 bảng dữ liệu(HTML) 7 Page - Emerson Network Power |
|
7 / 24 page ![]() Ordering information Rosemount 2460 System Hub The Rosemount 2460 System Hub transfers real time tank gauging data from field devices to the Rosemount TankMaster Inventory Management Software and/or a Host/DCS system. The system hub has eight configurable ports for host or field device communication. It supports system redundancy and emulation of other vendor devices. VIEW PRODUCT > Table 1: Rosemount 2460 System Hub Ordering Information Model Product description 2460 System Hub Capacity(1)(2) 1 1-16 tanks 4 1-48 tanks 6 1-64 tanks Firmware S Standard 1 Inventory calculation, 1-16 tanks 4 Inventory calculation, 1-48 tanks 6 Inventory calculation, 1-64 tanks Redundancy/Remote access (Ethernet) 0 None R(3)(4) Redundancy Modbus mapping S Standard G(5) User-defined Modbus mapping (Enables customized mapping for host communication.) Port 1, field communication (serial port)(6) R TRL2 Modbus E Enraf Bi-phase Mark GPU G GPE (Digital Current Loop) P GPE (RS485) H Whessoe WM 550/660 (Digital Current Loop) Y Whessoe WM 660 (RS485) L(7)(8) L&J Tankway V(7)(8) Varec Mark/Space May 2020 Rosemount 2460 Emerson.com/Rosemount 7 |