công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VT6307 bảng dữ liệu(PDF) 22 Page - VIA Technologies, Inc.

tên linh kiện VT6307
Giải thích chi tiết về linh kiện  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VIA [VIA Technologies, Inc.]
Trang chủ  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307 bảng dữ liệu(HTML) 22 Page - VIA Technologies, Inc.

Back Button VT6307 Datasheet HTML 18Page - VIA Technologies, Inc. VT6307 Datasheet HTML 19Page - VIA Technologies, Inc. VT6307 Datasheet HTML 20Page - VIA Technologies, Inc. VT6307 Datasheet HTML 21Page - VIA Technologies, Inc. VT6307 Datasheet HTML 22Page - VIA Technologies, Inc. VT6307 Datasheet HTML 23Page - VIA Technologies, Inc. VT6307 Datasheet HTML 24Page - VIA Technologies, Inc. VT6307 Datasheet HTML 25Page - VIA Technologies, Inc. VT6307 Datasheet HTML 26Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-16-
Register Overview
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Memory-Space Registers – Link Controller
Offset
Heading
Default
Acc
0
Version (OHCI 1.0 Mode)
0001 0000 RO
Version (OHCI 1.1 Mode)
0001 0010 RO
4
-reserved- (GUID ROM)
0000 0000 —
8
Asynchronous Transmit Retries
0000 0000 RW
C
CSR Data
0000 0000 RW
10
CSR Compare Data
0000 0000 RW
14
CSR Control
8000 0000 RW
18
Configuration ROM Header
0000 0000 RW
1C
1394 Bus ID
3133 3934 RO
20
1394 Bus Options
F000 0002 RW
24
Global Unique ID High
0000 0000 RW
28
Global Unique ID Low
0000 0000 RW
2C-33
-reserved-
00
—
34
Configuration ROM Map
0000 0000 RW
38
Posted Write Address Low
0000 0000 RO
3C
Posted Write Address High
0000 0000 RO
40
Vendor ID
0000 0000 RO
44-4F
-reserved-
00
—
50
HC Control Set
0000 0000 RW
54
HC Control Clear
0000 0000 RW
58-5F
-reserved-
00
—
60-63
-reserved-
00
—
64
Self-ID Buffer Pointer
0000 0000 RW
68
Self-ID Count
0000 0000 RO
6C-6F
-reserved-
00
—
70
Isoch Rcv Channel Mask High Set
0000 0000 RW
74
Isoch Rcv Channel Mask High Clr
0000 0000 RW
78
Isoch Rcv Channel Mask Low Set
0000 0000 RW
7C
Isoch Rcv Channel Mask Low Clr
0000 0000 RW
80
Interrupt Event Set
0000 0000 RW
84
Interrupt Event Clear
0000 0000 RW
88
Interrupt Mask Set
0000 0000 RW
8C
Interrupt Mask Clear
0000 0000 RW
90
Isoch Xmit Interrupt Event Set
0000 0000 RW
94
Isoch Xmit Interrupt Event Clear
0000 0000 RW
98
Isoch Xmit Interrupt Mask Set
0000 0000 RW
9C
Isoch Xmit Interrupt Mask Clear
0000 0000 RW
A0
Isoch Rcv Interrupt Event Set
0000 0000 RW
A4
Isoch Rcv Interrupt Event Clear
0000 0000 RW
A8
Isoch Rcv Interrupt Mask Set
0000 0000 RW
AC
Isoch Rcv Interrupt Mask Clear
0000 0000 RW
Offset
Heading
Default
Acc
B3-B0
Initial Bandwidth Available
0000 1333 RW
B7-B4
Initial Channels Available Hi
FFFFFFFF RW
BB-B8 Initial Channels Available Lo
FFFFFFFF RW
BC-DB -reserved-
00
—
DC
Fairness Control
0000 0000 RW
E0
Link Control Set
0000 0000 RW
E4
Link Control Clear
0000 0000 RW
E8
Node ID
0000 0000 RW
EC
PHY Control
0000 0000 RW
F0
Isochronous Cycle Timer
0000 0000 RW
F4-FF
-reserved-
00
—
100
Async Request Filter High Set
0000 0000 RW
104
Async Request Filter High Clear
0000 0000 RW
108
Async Request Filter Low Set
0000 0000 RW
10C
Async Request Filter Low Clear
0000 0000 RW
110
Physical Request Filter High Set
0000 0000 RW
114
Physical Request Filter High Clear 0000 0000 RW
118
Physical Request Filter Low Set
0000 0000 RW
11C
Physical Request Filter Low Clear
0000 0000 RW
120-123 Physical Upper Bound
0000 0000 RW
124-17F -reserved-
00
—
180
Async Request Xmit Context Set
0000 0000 RW
184
Async Request Xmit Context Clr
0000 0000 RW
18C
Async Request Xmit Command Ptr 0000 0000 RW
1A0
Async Response Xmit Context Set
0000 0000 RW
1A4
Async Response Xmit Context Clr
0000 0000 RW
1AC
Async Response Xmit Cmd Ptr
0000 0000 RW
1C0
Async Request Rcv Context Set
0000 0000 RW
1C4
Async Request Rcv Context Clr
0000 0000 RW
1CC
Async Request Rcv Command Ptr
0000 0000 RW
1E0
Async Response Rcv Context Set
0000 0000 RW
1E4
Async Response Rcv Context Clr
0000 0000 RW
1EC
Async Response Rcv Command Ptr 0000 0000 RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com