công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

256B bảng dữ liệu(PDF) 8 Page - IBM

tên linh kiện 256B
Giải thích chi tiết về linh kiện  256b/257b Transcoding for 100 Gb/s Backplane and Copper Cable
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IBM [IBM]
Trang chủ  http://www.ibm.com
Logo IBM - IBM

256B bảng dữ liệu(HTML) 8 Page - IBM

Back Button 256B Datasheet HTML 4Page - IBM 256B Datasheet HTML 5Page - IBM 256B Datasheet HTML 6Page - IBM 256B Datasheet HTML 7Page - IBM 256B Datasheet HTML 8Page - IBM 256B Datasheet HTML 9Page - IBM 256B Datasheet HTML 10Page - IBM 256B Datasheet HTML 11Page - IBM 256B Datasheet HTML 12Page - IBM Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
256b/257b Transcoding for 100 Gb/s Backplane and Copper Cable
8
IBM
Block Type Field
According to clause 82.2.3.1 the LSB of the block type field (BTF) represented as a
hexadecimal value is the first transmitted bit. For example, the block type field 0x1E is
sent from left to right as 01111000.
BTFj(8)=BTFj<7:0> where BTFj<0> is the first transmitted bit. We represent BTFj(8) as
the concatenation of the first nibble Fj(4)=BTFj<3:0> and the second nibble
Sj(4)=BTFj<7:4>. For example, for BTFj(8)=0x1E, we obtain Fj(4)=0xE sent from left to
right as 0111 and Sj(4)=0x1 sent from left to right as 1000.
CBj(56)
10
0x1E
BTFj(8)
CBj(56)
10
0xE 0x1
Fj(4) Sj(4)
CBj(56)
10 0111 1000
Fj(4) Sj(4)
or
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21