công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS5715R bảng dữ liệu(PDF) 3 Page - ams AG

tên linh kiện AS5715R
Giải thích chi tiết về linh kiện  Communication Mode (I2C)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS5715R bảng dữ liệu(HTML) 3 Page - ams AG

  AS5715R Datasheet HTML 1Page - ams AG AS5715R Datasheet HTML 2Page - ams AG AS5715R Datasheet HTML 3Page - ams AG AS5715R Datasheet HTML 4Page - ams AG AS5715R Datasheet HTML 5Page - ams AG AS5715R Datasheet HTML 6Page - ams AG AS5715R Datasheet HTML 7Page - ams AG AS5715R Datasheet HTML 8Page - ams AG AS5715R Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Feedback
Communication Interface
Introduction
Application Note
• PUBLIC
AN000710
• v1-00 • 2020-Jul-21
12
│ 3
1
Introduction
This document describes how to step into communication mode (I²C) with the AS5715R.
The AS5715R will start up immediately in operational mode after powering up and is ready to be used
in the final application.
The customer can choose to personalize some settings in the customer OTP section. For this, the
customer has to apply the customer rma procedure to activate the I²C interface and allow the writing
and programming of the customer OTP section.
When the customer OTP section is already burned (finally and irreversible programmed), the
AS5715R is fully locked! Thus, no execution of the customer rma procedure is possible anymore!
1.1
Setup
For Details, see chapter “Application Circuits” in the datasheet.
Figure 1 :
Communication/Programing Setup
The programmer should have push pull-output for rma-procedure and open-drain-output for
communication mode (I²C).
AS5715R
Programer
Vsupply
SIN+/SDA
COS+/SCL
SDA
SCL
Vsupply
Vsupply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12