| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MWCT1006SFVLLPR bảng dữ liệu(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MWCT1006SFVLLPR bảng dữ liệu(HTML) 49 Page - NXP Semiconductors |
|
49 / 65 page ![]() 2 10 6 7 MSB IN BIT 6 . . . 1 SLAVE MSB SLAVE LSB OUT 11 5 5 3 8 4 13 12 12 11 See note 1 13 9 See note1 (INPUT) (CPOL=0) SPSCK SPSCK (CPOL=1) SS (INPUT) (INPUT) MOSI (INPUT) MISO (OUTPUT) LSB IN BIT 6 . . . 1 Notes: 1. Undefined Figure 19. LPSPI slave mode timing (CPHA = 0) 2 6 7 MSB IN BIT 6 . . . 1 MSB OUT SLAVE LSB OUT 5 5 10 12 13 3 12 13 4 SLAVE 8 9 See note 1 (INPUT) (CPOL=0) SPSCK SPSCK (CPOL=1) SS (INPUT) (INPUT) MOSI (INPUT) MISO (OUTPUT) 11 LSB IN BIT 6 . . . 1 Notes: 1. Undefined Figure 20. LPSPI slave mode timing (CPHA = 1) 6.5.3 LPI2C electrical specifications See General AC specifications for LPI2C specifications. For supported baud rate see section 'Chip-specific LPI2C information' of the Reference Manual. Communication modules MWCT101XS Data Sheet, Rev. 3, 12/2019 NXP Semiconductors 49 |