| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MWCT1014SFVLLPR bảng dữ liệu(PDF) 48 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MWCT1014SFVLLPR bảng dữ liệu(HTML) 48 Page - NXP Semiconductors |
|
48 / 65 page ![]() (OUTPUT) 2 10 6 7 MSB IN2 LSB IN MSB OUT2 LSB OUT 11 5 5 3 (CPOL=0) 4 13 13 12 12 SPSCK SPSCK (CPOL=1) 2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1, ..., bit 6, MSB. 1. If configured as an output. SS1 (OUTPUT) (OUTPUT) MOSI (OUTPUT) MISO (INPUT) BIT 6 . . . 1 BIT 6 . . . 1 Figure 17. LPSPI master mode timing (CPHA = 0) <<CLASSIFICATION>> <<NDA MESSAGE>> 38 2 6 7 MSB IN2 BIT 6 . . . 1 MASTER MSB OUT2 MASTER LSB OUT 5 5 10 12 13 PORT DATA PORT DATA 3 12 13 4 1.If configured as output 2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1, ..., bit 6, MSB. 11 (OUTPUT) (CPOL=0) SPSCK SPSCK (CPOL=1) SS1 (OUTPUT) (OUTPUT) MOSI (OUTPUT) MISO (INPUT) LSB IN BIT 6 . . . 1 Figure 18. LPSPI master mode timing (CPHA = 1) Communication modules MWCT101XS Data Sheet, Rev. 3, 12/2019 48 NXP Semiconductors |