công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MWCT1124SFVMHPT bảng dữ liệu(PDF) 28 Page - NXP Semiconductors

tên linh kiện MWCT1124SFVMHPT
Giải thích chi tiết về linh kiện  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT1124SFVMHPT bảng dữ liệu(HTML) 28 Page - NXP Semiconductors

Back Button MWCT1124SFVMHPT Datasheet HTML 24Page - NXP Semiconductors MWCT1124SFVMHPT Datasheet HTML 25Page - NXP Semiconductors MWCT1124SFVMHPT Datasheet HTML 26Page - NXP Semiconductors MWCT1124SFVMHPT Datasheet HTML 27Page - NXP Semiconductors MWCT1124SFVMHPT Datasheet HTML 28Page - NXP Semiconductors MWCT1124SFVMHPT Datasheet HTML 29Page - NXP Semiconductors MWCT1124SFVMHPT Datasheet HTML 30Page - NXP Semiconductors MWCT1124SFVMHPT Datasheet HTML 31Page - NXP Semiconductors MWCT1124SFVMHPT Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
6.3.1.1 Flash timing specifications — commands
Table 21. Flash command timing specifications
Symbol
Description1
MWCT1014S
MWCT1015S
MWCT1016S
Typ
Max
Typ
Max
Typ
Max
Unit
Notes
trd1blk
Read 1 Block
execution time
32 KB flash
—
—
—
—
—
—
ms
64 KB flash
—
0.5
—
0.5
—
—
128 KB flash
—
—
—
—
—
—
256 KB flash
—
—
—
—
—
—
512 KB flash
—
1.8
—
2
—
2
trd1sec
Read 1 Section
execution time
2 KB flash
—
75
—
75
—
75
µs
4 KB flash
—
100
—
100
—
100
tpgmchk
Program Check
execution time
—
—
95
—
95
—
100
µs
tpgm8
Program Phrase
execution time
—
90
225
90
225
90
225
µs
tersblk
Erase Flash Block
execution time
32 KB flash
—
—
—
—
—
—
ms
2
64 KB flash
30
550
30
550
—
—
128 KB flash
—
—
—
—
—
—
256 KB flash
—
—
—
—
—
—
512 KB flash
250
4250
250
4250
250
4250
tersscr
Erase Flash Sector
execution time
—
12
130
12
130
12
130
ms
2
tpgmsec1k
Program Section
execution time
(1KB flash)
—
5
—
5
—
5
—
ms
trd1all
Read 1s All Block
execution time
—
—
2.3
—
5.2
—
8.2
ms
trdonce
Read Once
execution time
—
—
30
—
30
—
30
µs
tpgmonce
Program Once
execution time
—
90
—
90
—
90
—
µs
tersall
Erase All Blocks
execution time
—
400
4900
700
10000
1400
17000
ms
2
tvfykey
Verify Backdoor
Access Key
execution time
—
—
35
—
35
—
35
µs
tersallu
Erase All Blocks
Unsecure
execution time
—
400
4900
700
10000
1400
17000
ms
2
tpgmpart
Program Partition
for EEPROM
execution time
32 KB
EEPROM
backup
70
—
70
—
—
—
ms
3
64 KB
EEPROM
backup
71
—
71
—
150
—
Table continues on the next page...
Memory and memory interfaces
MWCT101XS Data Sheet, Rev. 3, 12/2019
28
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com