| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LS42 bảng dữ liệu(PDF) 5 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
SN74LS42 bảng dữ liệu(HTML) 5 Page - ON Semiconductor |
|
5 / 8 page ![]() SN74LS42 http://onsemi.com 5 PACKAGE DIMENSIONS N SUFFIX PLASTIC PACKAGE CASE 648–08 ISSUE R NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. –A– B F C S H G D J L M 16 PL SEATING 18 9 16 K PLANE –T– M A M 0.25 (0.010) T DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.740 0.770 18.80 19.55 B 0.250 0.270 6.35 6.85 C 0.145 0.175 3.69 4.44 D 0.015 0.021 0.39 0.53 F 0.040 0.70 1.02 1.77 G 0.100 BSC 2.54 BSC H 0.050 BSC 1.27 BSC J 0.008 0.015 0.21 0.38 K 0.110 0.130 2.80 3.30 L 0.295 0.305 7.50 7.74 M 0 10 0 10 S 0.020 0.040 0.51 1.01 _ _ _ _ |