công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PWCT2005AFVLLPNT bảng dữ liệu(PDF) 63 Page - NXP Semiconductors

tên linh kiện PWCT2005AFVLLPNT
Giải thích chi tiết về linh kiện  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PWCT2005AFVLLPNT bảng dữ liệu(HTML) 63 Page - NXP Semiconductors

Back Button PWCT2005AFVLLPNT Datasheet HTML 57Page - NXP Semiconductors PWCT2005AFVLLPNT Datasheet HTML 58Page - NXP Semiconductors PWCT2005AFVLLPNT Datasheet HTML 59Page - NXP Semiconductors PWCT2005AFVLLPNT Datasheet HTML 60Page - NXP Semiconductors PWCT2005AFVLLPNT Datasheet HTML 61Page - NXP Semiconductors PWCT2005AFVLLPNT Datasheet HTML 62Page - NXP Semiconductors PWCT2005AFVLLPNT Datasheet HTML 63Page - NXP Semiconductors PWCT2005AFVLLPNT Datasheet HTML 64Page - NXP Semiconductors PWCT2005AFVLLPNT Datasheet HTML 65Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
Table 35. Revision History
Rev. No.
Date
Substantial Changes
• VLPS → VLPR
• RUN → VLPS
• RUN → VLPR
• In Power consumption :
• Updated specs
• Removed section 'Modes configuration', amd moved its
content under the fisrt paragraph.
• Updated footnote 'Typical current numbers are indicative ...'
• Updated footnote 'The MWCT1016S data ...'
• Removed footnote 'Above MWCT1016S data is preliminary
targets only'
• In General AC specifications :
• Updated max value and footnote of WFRST
• Updated symbol for not filtered pulse to 'WNFRST', updated
min value, removed max. value, and added footnote
• Fixed naming conventions to align with DS in DC electrical
specifications at 3.3 V Range and DC electrical specifications at 5.0
V Range
• Updated specs for AC electrical specifications at 3.3 V range and
AC electrical specifications at 5 V range
• In Device clock specifications :
• Added footnote to fBUS
• In External System Oscillator frequency specifications :
• Updated 'tdc_extal'
• Added footnote 'Frequecies below ... ' to 'fec_extal' and 'tdc_extal'
• Updated Flash timing specifications — commands
• In Reliability specifications :
• Updated footnotes
• In QuadSPI AC specifications :
• Updated 'MCR[SCLKCFG[5]]' value to 0
• Updated 'Data Input Setup Time' HSRUN Internal DQS PAD
Loopback value to 1.6
• Updated 'Data Input Setup Time' DDR External DQS min.
value to 2
• Updated 'Data Input Hold Time' DDR External DQS min. value
to 20
• Updated tIV
• Upadted figure 'QuadSPI output timing (SDR mode) diagram'
and 'QuadSPI input timing (HyperRAM mode) diagram'
• In 12-bit ADC operating conditions :
• Fixed the typo in RSW1
• Removed parameter '
ΔVDDA'
• In 12-bit ADC electrical characteristics :
• Added note 'On reduced pin packages where ... '
• Removed max. value of 'IDDA_ADC'
• Added note 'Due to triple ... '
• In CMP with 8-bit DAC electrical specifications :
• Updated Typ. and Max. values of 'IDDLS'
• Upadted Typ. value of 'tDHSB'
• Updated Typ. value of 'VHYST1' , 'VHYST2', and 'VHYST3'
• In LPSPI electrical specifications :
• Updated 'fperiph' and 'fop', and 'tSPSCK'
• Updated 3.3 V numbers and added footnote against fop, tSU,
ans tV in HSRUN Mode
• Added footnote to 'tWSPSCK'
Table continues on the next page...
Revision History
MWCT101XS Data Sheet, Rev. 3, 12/2019
NXP Semiconductors
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com