công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PWCT2104AFVLLPNT bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện PWCT2104AFVLLPNT
Giải thích chi tiết về linh kiện  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PWCT2104AFVLLPNT bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  PWCT2104AFVLLPNT Datasheet HTML 1Page - NXP Semiconductors PWCT2104AFVLLPNT Datasheet HTML 2Page - NXP Semiconductors PWCT2104AFVLLPNT Datasheet HTML 3Page - NXP Semiconductors PWCT2104AFVLLPNT Datasheet HTML 4Page - NXP Semiconductors PWCT2104AFVLLPNT Datasheet HTML 5Page - NXP Semiconductors PWCT2104AFVLLPNT Datasheet HTML 6Page - NXP Semiconductors PWCT2104AFVLLPNT Datasheet HTML 7Page - NXP Semiconductors PWCT2104AFVLLPNT Datasheet HTML 8Page - NXP Semiconductors PWCT2104AFVLLPNT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
MWCT101XSF
MWCT101XS Data Sheet
Key Features
• Operating characteristics
– Voltage range: 2.7 V to 5.5 V
– Ambient temperature range: -40 °C to 105 °C for
HSRUN mode, -40 °C to 125 °C for RUN mode
• Arm™ Cortex-M4F core, 32-bit CPU
– Supports up to 112 MHz frequency (HSRUN) with
1.25 Dhrystone MIPS per MHz
– Arm Core based on the Armv7 Architecture and
Thumb®-2 ISA
– Integrated Digital Signal Processor (DSP)
– Configurable Nested Vectored Interrupt Controller
(NVIC)
– Single Precision Floating Point Unit (FPU)
• Clock interfaces
– 4 - 40 MHz fast external oscillator (SOSC)
– 48 MHz Fast Internal RC oscillator (FIRC)
– 8 MHz Slow Internal RC oscillator (SIRC)
– 128 kHz Low Power Oscillator (LPO)
– Up to 112 MHz (HSRUN) System Phased Lock
Loop (SPLL)
– Up to 50 MHz DC external square wave input clock
– Real Time Counter (RTC)
• Power management
– Low-power Arm Cortex-M4F core with excellent
energy efficiency
– Power Management Controller (PMC) with multiple
power modes: HSRUN, RUN, STOP, VLPR, and
VLPS. Note: CSEc (Security) or EEPROM writes/
erase will trigger error flags in HSRUN mode (112
MHz) because this use case is not allowed to
execute simultaneously. The device will need to
switch to RUN mode (80 Mhz) to execute CSEc
(Security) or EEPROM writes/erase.
– Clock gating and low power operation supported on
specific peripherals.
• Memory and memory interfaces
– Up to 2 MB program flash memory with ECC
– 64 KB FlexNVM for data flash memory with ECC
and EEPROM emulation. Note: CSEc (Security) or
EEPROM writes/erase will trigger error flags in
HSRUN mode (112 MHz) because this use case is
not allowed to execute simultaneously. The device
will need to switch to RUN mode (80 MHz) to
execute CSEc (Security) or EEPROM writes/erase.
– Up to 256 KB SRAM with ECC
– Up to 4 KB of FlexRAM for use as SRAM or
EEPROM emulation
– Up to 4 KB Code cache to minimize performance
impact of memory access latencies
– QuadSPI with HyperBus™ support
• Mixed-signal analog
– Up to two 12-bit Analog-to-Digital Converter
(ADC) with up to 32 channel analog inputs per
module
– One Analog Comparator (CMP) with internal 8-bit
Digital to Analog Converter (DAC)
• Debug functionality
– Serial Wire JTAG Debug Port (SWJ-DP) combines
– Debug Watchpoint and Trace (DWT)
– Instrumentation Trace Macrocell (ITM)
– Test Port Interface Unit (TPIU)
– Flash Patch and Breakpoint (FPB) Unit
• Human-machine interface (HMI)
– Up to 89 GPIO pins with interrupt functionality
– Non-Maskable Interrupt (NMI)
NXP Semiconductors
Document Number MWCT101XSF
Data Sheet: Advance Information
Rev. 3, 12/2019
This document contains information on a pre-production product. Specifications
and pre-production information herein are subject to change without notice.


Số phần tương tự - PWCT2104AFVLLPNT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Welwyn Components Limit...
PWC WELWYN-PWC Datasheet
465Kb / 4P
Pulse Withstanding Chip Resistors
logo
Astrodyne Corporation
PWC ASTRODYNE-PWC Datasheet
638Kb / 5P
PowerBlock Micro-Miniature 5 Watt Switching Power Supplies
logo
TT Electronics.
PWC TTELEC-PWC Datasheet
672Kb / 4P
improved working voltage
PWC TTELEC-PWC Datasheet
586Kb / 4P
Pulse Withstanding Chip Resistors
09.18
logo
Amphenol LTW
PWC-03AFFM-LL7A01 LTW-PWC-03AFFM-LL7A01 Datasheet
1,020Kb / 6P
Complete Range of Waterproof Connectors Cable Assembly
More results

Mô tả tương tự - PWCT2104AFVLLPNT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Dallas Semiconductor
DS1624 DALLAS-DS1624 Datasheet
594Kb / 16P
Digital Thermometer and Memory
logo
Intersil Corporation
CDP1881C INTERSIL-CDP1881C Datasheet
48Kb / 8P
CMOS 6-Bit Latch and Decoder Memory Interfaces
March 1997
CDP1883 INTERSIL-CDP1883 Datasheet
32Kb / 6P
CMOS 7-Bit Latch and Decoder Memory Interfaces
March 1997
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
Memory Stick & Memory Stick Duo
logo
Intersil Corporation
CDP1883 INTERSIL-CDP1883_1 Datasheet
124Kb / 7P
CMOS 7-Bit Latch and Decoder Memory Interfaces
March 1997
logo
Maxim Integrated Produc...
DS1624 MAXIM-DS1624 Datasheet
678Kb / 20P
Digital Thermometer and Memory
Rev 5/12
logo
Xilinx, Inc
XAPP458 XILINX-XAPP458 Datasheet
2Mb / 23P
Implementing DDR2-400 Memory Interfaces in Spartan-3A FPGAs
logo
PHOENIX CONTACT
2902828 PHOENIX-2902828 Datasheet
50Kb / 1P
Configuration memory - RAD-MEMORY
1105142 PHOENIX-1105142 Datasheet
50Kb / 2P
Configuration memory - PSR-M-MEMORY
logo
Maxim Integrated Produc...
DS1624 MAXIM-DS1624_V01 Datasheet
423Kb / 14P
Digital Thermometer and Memory
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com