| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C2012C0G2E102KB bảng dữ liệu(PDF) 7 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
C2012C0G2E102KB bảng dữ liệu(HTML) 7 Page - TDK Electronics |
|
7 / 8 page ![]() • All specifications are subject to change without notice. (7/8) 001-01 / 20020221 / e42144_c2012.fm Ceramic Capacitors C Series For Mid Voltage SMD C4532 (EIA:CC1812) TYPE CAPACITANCE RANGES: CLASS 1 (TEMPERATURE COMPENSATION) TEMPERATURE CHARACTERISTICS: C0G(0±30ppm/°C) RATED VOLTAGE Edc: 630V RATED VOLTAGE Edc: 250V RATED VOLTAGE Edc: 100V CAPACITANCE RANGES: CLASS 2 TEMPERATURE CHARACTERISTICS: X7R(±15%) RATED VOLTAGE Edc:630V RATED VOLTAGE Edc:250V RATED VOLTAGE Edc:100V Capacitance (pF) Tolerance Thickness (mm) Part No. 8200 ±5% 1.6±0.2 C4532C0G2J822J ±10% 1.6±0.2 C4532C0G2J822K 10000 ±5% 1.6±0.2 C4532C0G2J103J ±10% 1.6±0.2 C4532C0G2J103K 15000 ±5% 2.5±0.3 C4532C0G2J153J ±10% 2.5±0.3 C4532C0G2J153K 22000 ±5% 3.2±0.3 C4532C0G2J223J ±10% 3.2±0.3 C4532C0G2J223K Capacitance (pF) Tolerance Thickness (mm) Part No. 22000 ±5% 1.6±0.2 C4532C0G2E223J ±10% 1.6±0.2 C4532C0G2E223K 33000 ±5% 2.0±0.2 C4532C0G2E333J ±10% 2.0±0.2 C4532C0G2E333K 47000 ±5% 3.2±0.3 C4532C0G2E473J ±10% 3.2±0.3 C4532C0G2E473K Capacitance (pF) Tolerance Thickness (mm) Part No. 47000 ±5% 2.0±0.2 C4532C0G2A473J ±10% 2.0±0.2 C4532C0G2A473K 68000 ±5% 2.5±0.3 C4532C0G2A683J ±10% 2.5±0.3 C4532C0G2A683K 100000 ±5% 3.2±0.4 C4532C0G2A104J ±10% 3.2±0.4 C4532C0G2A104K Capacitance (pF) Tolerance Thickness (mm) Part No. 68000 ±10% 1.6±0.2 C4532X7R2J683K ±20% 1.6±0.2 C4532X7R2J683M 100000 ±10% 2.3±0.2 C4532X7R2J104K ±20% 2.3±0.2 C4532X7R2J104M Capacitance (pF) Tolerance Thickness (mm) Part No. 150000 ±10% 1.6±0.2 C4532X7R2E154K ±20% 1.6±0.2 C4532X7R2E154M 220000 ±10% 2.3±0.2 C4532X7R2E224K ±20% 2.3±0.2 C4532X7R2E224M 330000 ±10% 2.3±0.2 C4532X7R2E334K ±20% 2.3±0.2 C4532X7R2E334M 470000 ±10% 2.3±0.2 C4532X7R2E474K ±20% 2.3±0.2 C4532X7R2E474M Capacitance (pF) Tolerance Thickness (mm) Part No. 680000 ±10% 2.3±0.2 C4532X7R2A684K ±20% 2.3±0.2 C4532X7R2A684M 1000000 [1µF] ±10% 2.3±0.2 C4532X7R2A105K ±20% 2.3±0.2 C4532X7R2A105M ∗ M tolerance is standard for Mid Voltage X7R capacitors. • For more information about products with other capacitance or other data, please contact us. |