| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MBR350 bảng dữ liệu(PDF) 2 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MBR350 bảng dữ liệu(HTML) 2 Page - Motorola, Inc |
|
2 / 6 page ![]() MBR320 MBR330 MBR340 MBR350 MBR360 2 Rectifier Device Data VR REVERSE VOLTAGE (VOLTS) IF (AV), AVERAGE FORWARD CURRENT (AMPS) 0 2.0 1.0 3.0 4.0 5.0 0.5 1.0 1.5 2.0 2.5 TJ = 150°C 20 (CAPACITIVE LOAD) 10 dc I PK I AV + 5.0 SQUARE WAVE 020 10 30 40 50 70 60 300 400 500 TJ = 25°C 200 90 80 50 100 TA, AMBIENT TEMPERATURE (C°) 20 100 60 40 80 4.0 2.0 8.0 6.0 0 10 dc SQUARE WAVE 120 140 160 180 200 VR REVERSE VOLTAGE (VOLTS) 020 10 30 40 40 0.001 100 0.002 0.004 0.01 0.04 0.02 0.1 0.4 0.2 20 10 4.0 2.0 1.0 25 °C 75 °C 100 °C 10 10 100 1000 Figure 1. Typical Forward Voltage 100 RESISTIVE LOAD vF, INSTANTANEOUS VOLTAGE (VOLTS) 0.2 0.1 0.3 0.4 0.5 5.0 0.01 0.03 0.02 0.07 0.2 0.1 20 10 3.0 2.0 1.0 0.7 0.6 0.8 0.9 0.3 0.05 0.5 0.7 150 °C 7.0 Figure 2. Typical Reverse Current* Figure 3. Current Derating (Mounting method #3 per note 1) Figure 4. Power Dissipation Figure 5. Typical Capacitance 25 °C 100 °C TJ = 150°C MBR320, 330 AND 340 I PK I AV + p *The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selec- tions can be estimated from these same curves if VR is sufficiently below rated VR. |