| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8564A bảng dữ liệu(PDF) 58 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8564A bảng dữ liệu(HTML) 58 Page - NXP Semiconductors |
|
58 / 59 page ![]() PCA85063A All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2018. All rights reserved. Product data sheet Rev. 4 — 30 March 2018 58 of 59 NXP Semiconductors PCA85063A Automotive Real-Time Clock/calendar with alarm function and I2C-bus 28. Figures Fig 1. Block diagram of PCA85063A . . . . . . . . . . . . . . . .2 Fig 2. Pin configuration for TSSOP8 (PCA85063ATT) . .3 Fig 3. Handling address registers . . . . . . . . . . . . . . . . . .4 Fig 4. STOP bit functional diagram . . . . . . . . . . . . . . . . .8 Fig 5. STOP bit release timing . . . . . . . . . . . . . . . . . . . . .9 Fig 6. Software reset command . . . . . . . . . . . . . . . . . . .10 Fig 7. Interrupt scheme . . . . . . . . . . . . . . . . . . . . . . . . .12 Fig 8. INT example for MI . . . . . . . . . . . . . . . . . . . . . . .13 Fig 9. Offset calibration calculation workflow . . . . . . . . .18 Fig 10. Result of offset calibration . . . . . . . . . . . . . . . . . .19 Fig 11. OS flag . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20 Fig 12. Data flow for the time function . . . . . . . . . . . . . . .23 Fig 13. Access time for read/write operations . . . . . . . . .24 Fig 14. Alarm function block diagram. . . . . . . . . . . . . . . .27 Fig 15. General countdown timer behavior . . . . . . . . . . .29 Fig 16. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .31 Fig 17. Definition of START and STOP conditions. . . . . .31 Fig 18. System configuration . . . . . . . . . . . . . . . . . . . . . .32 Fig 19. Acknowledgement on the I2C-bus . . . . . . . . . . . .32 Fig 20. Master transmits to slave receiver (WRITE mode) . . . . . . . . . . . . . . . . . . . . . . . . . . .33 Fig 21. Master reads after setting register address (write register address; READ data) . . . . . . . . . .34 Fig 22. Device diode protection diagram of PCA85063A.35 Fig 23. Typical IDD with respect to fSCL . . . . . . . . . . . . . .38 Fig 24. Typical IDD as a function of temperature . . . . . . .39 Fig 25. Typical IDD with respect to VDD . . . . . . . . . . . . . .40 Fig 26. IDD with respect to quartz RS . . . . . . . . . . . . . . . .41 Fig 27. Oscillator frequency variation with respect to VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .41 Fig 28. I2C-bus timing diagram; rise and fall times refer to 30 % and 70 % . . . . . . . . . . . . . . . . . . . . . . . .43 Fig 29. Application diagram for PCA85063A . . . . . . . . . .44 Fig 30. Package outline SOT505-1 (TSSOP8) of PCA85063ATT . . . . . . . . . . . . . . . . . . . . . . . . . . .45 Fig 31. Temperature profiles for large and small components . . . . . . . . . . . . . . . . . . . . . . . . . . . . .49 Fig 32. Footprint information for reflow soldering of SOT505-1 (TSSOP8) of PCA85063ATT . . . . . . .49 |