công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF85063TP bảng dữ liệu(PDF) 44 Page - NXP Semiconductors

tên linh kiện PCF85063TP
Giải thích chi tiết về linh kiện  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063TP bảng dữ liệu(HTML) 44 Page - NXP Semiconductors

Back Button PCF85063TP Datasheet HTML 40Page - NXP Semiconductors PCF85063TP Datasheet HTML 41Page - NXP Semiconductors PCF85063TP Datasheet HTML 42Page - NXP Semiconductors PCF85063TP Datasheet HTML 43Page - NXP Semiconductors PCF85063TP Datasheet HTML 44Page - NXP Semiconductors PCF85063TP Datasheet HTML 45Page - NXP Semiconductors PCF85063TP Datasheet HTML 46Page - NXP Semiconductors PCF85063TP Datasheet HTML 47Page - NXP Semiconductors PCF85063TP Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
44 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
14. Application information
15. Test information
15.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q100 - Failure mechanism based stress test qualification for integrated
circuits, and is suitable for use in automotive applications.
A 1 farad super capacitor combined with a low VF diode can be used as a standby or back-up
supply. With the RTC in its minimum power configuration that is, timer off and CLKOUT off, the
RTC may operate for weeks.
(1) R1 limits the inrush current to the super capacitor at power-on.
(2) NXP recommends tying VDD of the device and VDD of all the external pull-up resistors to the same
Power Supply.
(3) NXP also recommends the customer place accessible 'Pads/TP-test point' on the layout so as to
enable a 'hard'' grounding of the power supply VDD in the event a full discharge cannot be attained.
Fig 29. Application diagram for PCA85063A
PCA85063A
MASTER
TRANSMITTER/
RECEIVER
OSCI
OSCO
VSS
SDA
R
aaa-013719
R
SCL
SDA
(I2C-bus)
SCL
SDA
SCL
INT
VDD
VDD(2)
VDD(2)
1 F
R1(1)
TP(3)
100 nF
R: pull-up resistor
R =
tr
Cb
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59