| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PE2G4SFPI80-LX-R bảng dữ liệu(PDF) 2 Page - Silicom Ltd. |
|
|
|||||||||||||||||||||||||||||
PE2G4SFPI80-LX-R bảng dữ liệu(HTML) 2 Page - Silicom Ltd. |
|
2 / 6 page ![]() Silicom Ltd. Connectivity Solutions Page 2 SFP Gigabit Ethernet: Gigabit Ethernet Adapters with SFP cage support: 1000Base-LX Fiber Gigabit Ethernet with 1000Base-LX SFP transceiver. 1000Base-SX Fiber Gigabit Ethernet with 1000Base-SX SFP transceiver. SFP (1000Mb/s) Copper Gigabit Ethernet with SFP SFP transceiver. Small Form Factor Pluggable (SFP) Cage for SFP LC connectors 2PortLink synchronization Optional SGMII mode (future support) Common Key Features: Support PCI Express Base Specification 2.0 (5 GTs) High performance, reliability, and low power use in Intel 82580 Quad integrated MAC + PHY and SERDES chip Controllers Ultra deep, packet buffer per channel lowers CPU utilization. Hardware acceleration that can offload tasks from the host processor. The Controllers can offload TCP/UDP/IP checksum calculations and TCP segmentation Server class reliability, availability and performance features: Link Aggregation and Load Balancing o Switch dependent: 802.3 ad (LACP), Generic Trunking (GEC/FEC) o Switch and NIC Independent o Failover Priority queuing – 802.1p layer 2 priority encoding Virtual LANs –802.1q VLAN tagging. Jumbo Frame (9.5KB). 802.x flow control. Multicast/ broadcast Packet replication Statistics for SNMP MIB II, Ethernet like MIB, and Ethernet MIB (802.3z, Clause 30) Supports Vital Product Data (VPD) LEDs indicators for link/Activity/Speed status Technical Specifications SFP Gigabit Ethernet Technical Specifications – (SFP) Adapters: SFP (Small Form Factor Pluggable) supports: 1Gb SERDES interfaces supports 1000Base-X in order to connect with SFP to 1000Base-SX / 1000Base-LX / 1000Base-T SFP transceivers |