công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AVRF06 bảng dữ liệu(PDF) 5 Page - TDK Electronics

tên linh kiện AVRF06
Giải thích chi tiết về linh kiện  ESD Notch Filters For wireless audio equipment
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics

AVRF06 bảng dữ liệu(HTML) 5 Page - TDK Electronics

  AVRF06 Datasheet HTML 1Page - TDK Electronics AVRF06 Datasheet HTML 2Page - TDK Electronics AVRF06 Datasheet HTML 3Page - TDK Electronics AVRF06 Datasheet HTML 4Page - TDK Electronics AVRF06 Datasheet HTML 5Page - TDK Electronics AVRF06 Datasheet HTML 6Page - TDK Electronics AVRF06 Datasheet HTML 7Page - TDK Electronics AVRF06 Datasheet HTML 8Page - TDK Electronics AVRF06 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20200528
(5/10)
notch-filter_commercial_avrf_en.fm
EMC Components
AVRF series
Attention on a circuit board design
Board design
When attached to products, amount of silver used (fillet size) has
direct impact on products after mounting. Thus, sufficient consider-
ation is necessary.
Set of land dimensions
(1) As the stress rises in the products owing to the increase in sil-
ver, breakage and cracks will occur. Cause including crack, as cau-
tion on board land design, configure the shape and dimensions so
that the amount of silver is appropriate. If you installed 2 or more
parts in the Common Land, separated by a solder resist and spe-
cial land of each component.
(2) When peak levels panning-at soldering is excessive, by solder
contraction stress, mechanical-thermal stress causes a Yasuku
chip crack. In addition, when the peak level is underestimated, ter-
minal electrode fixed strength is insufficient. This causes chip
dropouts and may affect circuit reliability. Representative example
of the panning of peak levels is shown in the following.
Recommended silver dose
Case and suggested protocol want to avoid
Dimensions shape
Symbol
A
B
C
0603
0.25 to 0.35
0.20 to 0.30
0.25 to 0.35
1005
0.30 to 0.50
0.35 to 0.45
0.40 to 0.60
A
B
C
Solder volume
overload
Solder stress is increased,
and it is easy for a crack to
form.
Decent solder
volume
Solder volume
deficit
Fixed strength is weak, and
there is connection a prob-
lem and risk of loss.
Example
Cases to avoid
Improvement example
(land division)
Lead wire and land
of part discrete
doubles up
Arrangements in
the vicinity
Arrangements of
chip component's
companion
Most large serving amount
Minimum prime amount
Solder
Chip
Leads
PCB
Solder resist
Leads
Solder
(ground solder)
Chassis
L1
Solder resist
L2
L2>L1
Land
Land
Excess solder
Missing solder
Solder resist



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com