| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM393DRE4 bảng dữ liệu(PDF) 35 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM393DRE4 bảng dữ liệu(HTML) 35 Page - Texas Instruments |
|
35 / 55 page ![]() Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) LM2903DRG4 SOIC D 8 2500 853.0 449.0 35.0 LM2903DRG4 SOIC D 8 2500 340.5 338.1 20.6 LM2903PWR TSSOP PW 8 2000 853.0 449.0 35.0 LM2903PWR TSSOP PW 8 2000 364.0 364.0 27.0 LM2903PWRG3 TSSOP PW 8 2000 364.0 364.0 27.0 LM2903PWRG4 TSSOP PW 8 2000 853.0 449.0 35.0 LM2903QDRG4 SOIC D 8 2500 350.0 350.0 43.0 LM2903VQDR SOIC D 8 2500 340.5 338.1 20.6 LM2903VQPWR TSSOP PW 8 2000 853.0 449.0 35.0 LM2903VQPWRG4 TSSOP PW 8 2000 853.0 449.0 35.0 LM293ADGKR VSSOP DGK 8 2500 364.0 364.0 27.0 LM293ADR SOIC D 8 2500 853.0 449.0 35.0 LM293ADR SOIC D 8 2500 340.5 338.1 20.6 LM293ADR SOIC D 8 2500 333.2 345.9 28.6 LM293ADR SOIC D 8 2500 364.0 364.0 27.0 LM293ADRG4 SOIC D 8 2500 340.5 338.1 20.6 LM293ADRG4 SOIC D 8 2500 853.0 449.0 35.0 LM293DGKR VSSOP DGK 8 2500 364.0 364.0 27.0 LM293DR SOIC D 8 2500 364.0 364.0 27.0 LM293DR SOIC D 8 2500 853.0 449.0 35.0 LM293DRG3 SOIC D 8 2500 364.0 364.0 27.0 LM293DRG4 SOIC D 8 2500 340.5 338.1 20.6 LM293DRG4 SOIC D 8 2500 853.0 449.0 35.0 LM393ADGKR VSSOP DGK 8 2500 364.0 364.0 27.0 LM393ADR SOIC D 8 2500 340.5 338.1 20.6 LM393ADR SOIC D 8 2500 853.0 449.0 35.0 LM393ADR SOIC D 8 2500 364.0 364.0 27.0 LM393ADR SOIC D 8 2500 333.2 345.9 28.6 LM393ADRG4 SOIC D 8 2500 853.0 449.0 35.0 LM393ADRG4 SOIC D 8 2500 340.5 338.1 20.6 LM393APWR TSSOP PW 8 2000 364.0 364.0 27.0 LM393APWR TSSOP PW 8 2000 853.0 449.0 35.0 LM393APWRG4 TSSOP PW 8 2000 853.0 449.0 35.0 LM393BIDDFR SOT-23-THIN DDF 8 3000 210.0 185.0 35.0 LM393BIDR SOIC D 8 2500 340.5 338.1 20.6 LM393BIDSGR WSON DSG 8 3000 210.0 185.0 35.0 LM393BIPWR TSSOP PW 8 2000 853.0 449.0 35.0 LM393DGKR VSSOP DGK 8 2500 364.0 364.0 27.0 LM393DR SOIC D 8 2500 853.0 449.0 35.0 LM393DR SOIC D 8 2500 340.5 338.1 20.6 LM393DRG3 SOIC D 8 2500 333.2 345.9 28.6 LM393DRG3 SOIC D 8 2500 364.0 364.0 27.0 LM393DRG4 SOIC D 8 2500 340.5 338.1 20.6 LM393DRG4 SOIC D 8 2500 853.0 449.0 35.0 PACKAGE MATERIALS INFORMATION www.ti.com 22-Oct-2020 Pack Materials-Page 4 |