| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PE2G2I80-R bảng dữ liệu(PDF) 5 Page - Silicom Ltd. |
|
|
|||||||||||||||||||||||||||||
PE2G2I80-R bảng dữ liệu(HTML) 5 Page - Silicom Ltd. |
|
5 / 5 page ![]() Silicom Ltd. Connectivity Solutions Page 5 components LEDs LEDs: (3) Led’s per port Link / Act: Turn on any Link (1000, 100 or 10), Blinks on Activity (green) 100: Turns on 100Mb/s Link (green) 1000: Turns on 1000 Mb/s Link (green) LEDs location: Led’s are located on the PCB, visible via holes in the metal bracket holder Connectors: (4) Shielded RJ-45 Order Information P/N Description Notes PE2G2I80-R Dual Port Copper Gigabit Ethernet PCI Express Server Adapter X4, Based on Intel 82580DB, Low-Profile, RoHS compliant Note: Model P/N -RoHS -RoHS: RoHS Compliant / Lead free adapter. -LP: Assemble Low Profile Metal Bracket, available in dual or single port only 1V3 |