công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF8536AT bảng dữ liệu(PDF) 53 Page - NXP Semiconductors

tên linh kiện PCF8536AT
Giải thích chi tiết về linh kiện  Automotive 40 x 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT bảng dữ liệu(HTML) 53 Page - NXP Semiconductors

Back Button PCF8536AT Datasheet HTML 46Page - NXP Semiconductors PCF8536AT Datasheet HTML 47Page - NXP Semiconductors PCF8536AT Datasheet HTML 48Page - NXP Semiconductors PCF8536AT Datasheet HTML 49Page - NXP Semiconductors PCF8536AT Datasheet HTML 50Page - NXP Semiconductors PCF8536AT Datasheet HTML 51Page - NXP Semiconductors PCF8536AT Datasheet HTML 52Page - NXP Semiconductors PCF8536AT Datasheet HTML 53Page - NXP Semiconductors PCF8536AT Datasheet HTML 54Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
PCA85276
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3 — 12 November 2018
53 of 54
NXP Semiconductors
PCA85276
Automotive 40 x 4 LCD driver
27. Figures
Fig 1.
Block diagram of PCA85276 . . . . . . . . . . . . . . . . .2
Fig 2.
Pinning diagram for PCA85276ATT (TSSOP56) . .3
Fig 3.
Display RAM bitmap . . . . . . . . . . . . . . . . . . . . . . .9
Fig 4.
Relationship between LCD layout, drive mode,
display RAM filling order, and display data
transmitted over the I2C-bus . . . . . . . . . . . . . . . .10
Fig 5.
RAM banks in static and multiplex driving mode 1:2
14
Fig 6.
Bank selection . . . . . . . . . . . . . . . . . . . . . . . . . . .14
Fig 7.
Example of the Bank-select command with multiplex
drive mode 1:2 . . . . . . . . . . . . . . . . . . . . . . . . . . .15
Fig 8.
Example of displays suitable for PCA85276 . . . .16
Fig 9.
Typical system configuration . . . . . . . . . . . . . . . .17
Fig 10. Electro-optical characteristic: relative transmission
curve of the liquid. . . . . . . . . . . . . . . . . . . . . . . . .19
Fig 11. Static drive mode waveforms . . . . . . . . . . . . . . . .20
Fig 12. Waveforms for the 1:2 multiplex drive mode with 1⁄2
bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
Fig 13. Waveforms for the 1:2 multiplex drive mode with 1⁄3
bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
Fig 14. Waveforms for the 1:3 multiplex drive mode with 1⁄3
bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
Fig 15. Waveforms for the 1:4 multiplex drive mode with 1⁄3
bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
Fig 16. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .26
Fig 17. Definition of START and STOP conditions. . . . . .26
Fig 18. System configuration . . . . . . . . . . . . . . . . . . . . . .27
Fig 19. Acknowledgement of the I2C-bus . . . . . . . . . . . .27
Fig 20. I2C-bus protocol . . . . . . . . . . . . . . . . . . . . . . . . . .29
Fig 21. Format of command byte . . . . . . . . . . . . . . . . . . .29
Fig 22. Device protection circuits . . . . . . . . . . . . . . . . . . .30
Fig 23. Typical IDD with respect to VDD . . . . . . . . . . . . . .33
Fig 24. Driver timing waveforms . . . . . . . . . . . . . . . . . . .35
Fig 25. I2C-bus timing waveforms . . . . . . . . . . . . . . . . . .35
Fig 26. Cascaded PCA85276 configuration. . . . . . . . . . .37
Fig 27. Synchronization of the cascade for the various
PCA85276 drive modes . . . . . . . . . . . . . . . . . . . .38
Fig 28. Package outline SOT364-1 (TSSOP56) of
PCA85276ATT . . . . . . . . . . . . . . . . . . . . . . . . . . .39
Fig 29. Temperature profiles for large and small
components . . . . . . . . . . . . . . . . . . . . . . . . . . . . .43
Fig 30. Footprint information for reflow soldering of
SOT364-1 (TSSOP56) of PCA85276ATT . . . . . .44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54