| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-SC571KSWZ-3 bảng dữ liệu(PDF) 40 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC571KSWZ-3 bảng dữ liệu(HTML) 40 Page - Analog Devices |
|
40 / 142 page ![]() Rev. B | Page 40 of 142 | June 2018 ADSP-SC570/SC571/SC572/SC573/ADSP-21571/21573 LP1_D7 LP1 Data 7 D PD_09 MLB0_CLK MLB0 Single-Ended Clock B PB_06 MLB0_CLKOUT MLB0 Single-Ended Clock Out B PB_03 MLB0_DAT MLB0 Single-Ended Data B PB_04 MLB0_SIG MLB0 Single-Ended Signal B PB_05 PPI0_CLK EPPI0 Clock C PC_11 PPI0_D00 EPPI0 Data 0 D PD_10 PPI0_D01 EPPI0 Data 1 D PD_11 PPI0_D02 EPPI0 Data 2 D PD_12 PPI0_D03 EPPI0 Data 3 D PD_13 PPI0_D04 EPPI0 Data 4 D PD_14 PPI0_D05 EPPI0 Data 5 D PD_15 PPI0_D06 EPPI0 Data 6 C PC_05 PPI0_D07 EPPI0 Data 7 D PD_09 PPI0_D08 EPPI0 Data 8 C PC_01 PPI0_D09 EPPI0 Data 9 C PC_02 PPI0_D10 EPPI0 Data 10 C PC_03 PPI0_D11 EPPI0 Data 11 C PC_04 PPI0_FS1 EPPI0 Frame Sync 1 (HSYNC) C PC_14 PPI0_FS2 EPPI0 Frame Sync 2 (VSYNC) C PC_15 PPI0_FS3 EPPI0 Frame Sync 3 (FIELD) C PC_06 SPI0_CLK SPI0 Clock C PC_01 SPI0_MISO SPI0 Master In, Slave Out C PC_02 SPI0_MOSI SPI0 Master Out, Slave In C PC_03 SPI0_RDY SPI0 Ready C PC_05 SPI0_SEL1 SPI0 Slave Select Output 1 C PC_04 SPI0_SEL2 SPI0 Slave Select Output 2 C PC_05 SPI0_SEL3 SPI0 Slave Select Output 3 C PC_06 SPI0_SEL4 SPI0 Slave Select Output 4 A PA_09 SPI0_SEL5 SPI0 Slave Select Output 5 D PD_03 SPI0_SEL6 SPI0 Slave Select Output 6 D PD_04 SPI0_SEL7 SPI0 Slave Select Output 7 D PD_05 SPI0_SS SPI0 Slave Select Input C PC_04 SPI1_CLK SPI1 Clock C PC_07 SPI1_MISO SPI1 Master In, Slave Out C PC_08 SPI1_MOSI SPI1 Master Out, Slave In C PC_09 SPI1_RDY SPI1 Ready C PC_11 SPI1_SEL1 SPI1 Slave Select Output 1 C PC_10 SPI1_SEL2 SPI1 Slave Select Output 2 C PC_11 SPI1_SEL3 SPI1 Slave Select Output 3 A PA_08 SPI1_SEL4 SPI1 Slave Select Output 4 A PA_14 SPI1_SEL5 SPI1 Slave Select Output 5 B PB_02 SPI1_SEL6 SPI1 Slave Select Output 6 D PD_07 SPI1_SEL7 SPI1 Slave Select Output 7 D PD_06 SPI1_SS SPI1 Slave Select Input C PC_10 SPI2_CLK SPI2 Clock B PB_14 SPI2_D2 SPI2 Data 2 B PB_12 SPI2_D3 SPI2 Data 3 B PB_13 Table 20. ADSP-SC57x/ADSP-2157x 176-Lead LQFP Signal Descriptions (Continued) Signal Name Description Port Pin Name |