| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM293ADE4 bảng dữ liệu(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM293ADE4 bảng dữ liệu(HTML) 28 Page - Texas Instruments |
|
28 / 50 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 4-Oct-2020 Addendum-Page 4 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM393ADGKR ACTIVE VSSOP DGK 8 2500 Green (RoHS & no Sb/Br) NIPDAU | NIPDAUAG Level-1-260C-UNLIM 0 to 70 (M8P, M8S, M8U) LM393ADGKRG4 ACTIVE VSSOP DGK 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 (M8P, M8S, M8U) LM393ADR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU | SN Level-1-260C-UNLIM 0 to 70 LM393A LM393ADRE4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 LM393A LM393ADRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 LM393A LM393AP ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) NIPDAU | SN N / A for Pkg Type 0 to 70 LM393AP LM393APE4 ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type 0 to 70 LM393AP LM393APSR ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 L393A LM393APWR ACTIVE TSSOP PW 8 2000 Green (RoHS & no Sb/Br) NIPDAU | SN Level-1-260C-UNLIM 0 to 70 L393A LM393APWRE4 ACTIVE TSSOP PW 8 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 L393A LM393APWRG4 ACTIVE TSSOP PW 8 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 L393A LM393BIDDFR PREVIEW SOT-23-THIN DDF 8 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 393B LM393BIDGKR PREVIEW VSSOP DGK 8 2500 TBD Call TI Call TI -40 to 85 LM393BIDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 LM393B LM393BIDSGR PREVIEW WSON DSG 8 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 393B LM393BIPWR ACTIVE TSSOP PW 8 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 85 LM393B LM393D ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 LM393 LM393DE4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 LM393 |