| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS32K112BHTXMLQTR bảng dữ liệu(PDF) 50 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FS32K112BHTXMLQTR bảng dữ liệu(HTML) 50 Page - NXP Semiconductors |
|
50 / 100 page ![]() • QuadSPI trace length should be 3 inches. • For non-Quad mode of operation if external device doesn’t have pull-up feature, external pull-up needs to be added at board level for non-used pads. • With external pull-up, performance of the interface may degrade based on load associated with external pull-up. Memory and memory interfaces S32K1xx Data Sheet, Rev. 12, 02/2020 50 NXP Semiconductors |