công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G7150 bảng dữ liệu(PDF) 4 Page - BELIMO AIRCONTROLS (USA), INC

tên linh kiện G7150
Giải thích chi tiết về linh kiện  Fluid chilled or hot water, up to 60% glycol
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Trang chủ  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

G7150 bảng dữ liệu(HTML) 4 Page - BELIMO AIRCONTROLS (USA), INC

  G7150 Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC G7150 Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC G7150 Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC G7150 Datasheet HTML 4Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Wiring Diagrams
INSTALLATION NOTES
Actuators may be connected in parallel. Power consumption and input
impedance must be observed.
Actuators may also be powered by 24 VDC.
A 500 Ω resistor (ZG-R01) converts the 4 to 20 mA control signal to 2
to 10 VDC.
Control signal may be pulsed from either the Hot (Source) or Common
(Sink) 24 VAC line.
For triac sink the common connection from the actuator must be
connected to the hot connection of the controller. Contact closures A &
B also can be triacs. A & B should both be closed for the triac source
and open for triac sink.
Actuators with plenum cable do not have numbers; use color codes
instead.
Meets cULus requirements without the need of an electrical ground
connection.
!
WARNING! LIVE ELECTRICAL COMPONENTS!
During installation, testing, servicing and troubleshooting of this
product, it may be necessary to work with live electrical components.
Have a qualified licensed electrician or other individual who has been
properly trained in handling live electrical components perform these
tasks. Failure to follow all electrical safety precautions when exposed to
live electrical components could result in death or serious injury.
Blk (1)
- Common
Red (2)
Hot
Wht (3)
Y
1 Input
Org (5) U Output
Line
Volts
24 VAC Transformer
2 to 10 VDC
Feedback Signal (+)
(–)
3
18
On/Off
Line
Volts
(–)
(+)
24 VAC Transformer
Blk (1) – Common
Red (2) + Hot
Wht (3) Y1 Input
Pnk (4)
Y2 Input
Org (5)
U Output
AB
AB
Direction of rotation switch
A
B
Feedback Signal
2 to 10 VDC
2
18
8
9
Floating Point
Blk (1) - Common
Red (2) + Hot
Wht (3) Y
1 Input
Org (5) U Output
(–)
(+)
Line
Volts
24 VAC Transformer
Control Signal
VDC/mA
3
18
7
500
1/4 W
VDC / 4 to 20 mA
Functions
0%
50%
100%
Control mode acc. to Y
Min
Mid
Max
Normal
ab
c
500
Blk (1) - Common
Red (2) + Hot
Org (5) U Output
Wht (3) Y
1 Input
(–)
(+)
Line
Volts
24 VAC Transformer (AC Only)
B
C
A
1/4 W
VDC/mA
Control Signal
18
7
Override Control Min, Mid, Max Positions
RVX24-MFT Technical Data Sheet
Modulating, Non-Spring Return, Linear, 24 V, Multi-Function Technology®
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com