| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SDC-SL bảng dữ liệu(PDF) 2 Page - Apacer Technology Inc. |
|
|
|||||||||||||||||||||||||||||
SDC-SL bảng dữ liệu(HTML) 2 Page - Apacer Technology Inc. |
|
2 / 4 page ![]() μSDC-SL Overview ‧ Tiny size with outstanding performance ‧ Compliant with MO-276 standard (16x20x1.4mm) ‧ SoC (System on chip) /SiP (System in chip) Technology ‧ Built-in S.M.A.R.T. functions ‧ TRIM Command Support ‧ DEVSLP Support" Apacer Micro SDC (Micro SATA Disk Chip, μSDC) presents a revolutionary breakthrough of NAND flash storage technology. This micro sized SSD delivers all the technological benefits in NAND based storage solution with ultra speed SATA 6.0 Gbps interface in an embedded BGA form factor, compatible with JEDEC MO-276. Formed in a size of an IC chip, the speedy μSDC can offer up to 64GB in capacity and the performance level can reach up to 500 MB/s for read and 185 MB/s for write. With its micro-size and ultra speed, the μSDC is definitely the ideal storage solution for high performance demand mobile devices. Feature |