| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS473SLQTP bảng dữ liệu(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS473SLQTP bảng dữ liệu(HTML) 24 Page - Microchip Technology |
|
24 / 68 page ![]() HCS473 DS40035C-page 22 Preliminary 2002 Microchip Technology Inc. 3.2.2.4 Command Sequence The transponder reader follows the HCS473’s Field Acknowledge by sending the desired 3-bit command, 3-bit option or address, associated data and CRC; each as required. LF commands are Pulse Position Modulated (PPM) as shown in Figure 3-10. The last bit (CRC bit) should be followed by leaving the field on for T FINH. T FINH should be appropriately adjusted to receive con- secutive commands or LF responses. See Section 3.2.4 and Section 3.2.5 for LF response and consecutive command considerations. FIGURE 3-11: HCS473 TRANSPONDER WAKE-UP SEQUENCE Communication from reader to HCS473 Communication from HCS473 to reader SKIPACK = 1 - Field Acknowledge is not sent Inductive (LC) T SF Command T CMD T SFMAX SKIPACK = 0 - Field Acknowledge sent when device wakes Inductive (LC) RF Response (DATA) 125kHz Field (on LC pins) T CMD Command T CMD 3LF TE 3LF TE 3LF TE 3LFTE Simultaneous LF Acknowledge (LFRSP=1) RF Acknowledge (RFRSP=1) |