| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS473IPQTP bảng dữ liệu(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS473IPQTP bảng dữ liệu(HTML) 26 Page - Microchip Technology |
|
26 / 68 page ![]() HCS473 DS40035C-page 24 Preliminary 2002 Microchip Technology Inc. 3.2.3.1 SELECT TRANSPONDER The SELECT TRANSPONDER sequence must imme- diately follow the HCS473 wake-up. A 12-bit Vehicle ID (VID) follows the 3-bit command. The 4-bit Token ID (TID) is sent by pulsing the field to identify which tran- sponder should respond. The HCS473 counts each time the field is pulsed (6 LF TE period), the first pulse setting the counter equal to 0. If the VID matched, the HCS473 will send an Acknowledge when the TID matches the counter. Any further TID pulses after the Acknowledge occurs will deselect the device, putting it back to SLEEP - again requires a wake-up sequence to communicate. Any HCS473 that did not match both the presented VID and TID will return to SLEEP, unselected, remaining that way until the next wake-up pulse occurs. The next command must begin T TSCMD after the Acknowledge. If the LC input is high a point T TSCMDMIN after the Acknowledge ends, the HCS473 will return to SLEEP, unselected, assuming the transponder reader is sending additional TID pulse(s) to select a different device. A device of any TID value may therefore be uniquely selected, regardless if a device with lower TID has already acknowledged. FIGURE 3-12: TRANSPONDER SELECT SEQUENCE (RF RESPONSE EXAMPLE) TSF ACK CMD VID T CMD ‘0002’ TID TTSCMD 12 bits Command TID=0 12-Bit VID ACK Transponder Select ACK 1-16 Pulses CMD ‘XXX’ TID=1 TID=2 TID=3 5 LFTE 6 LFTE TTSCMD Next Command Example for TID=’0011’ TTSACK WAKE ACK Inductive In (LC Pins) RF Response (DATA Pin) TCMD TCMD 16-bit Device Identifier = [ 12-bit Vehicle ID ] [ 4-bit Token ID ] DID TID VID |