| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS32K112BHTXWLLTR bảng dữ liệu(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FS32K112BHTXWLLTR bảng dữ liệu(HTML) 20 Page - NXP Semiconductors |
|
20 / 100 page ![]() Table 12. Power mode transition operating behaviors for S32K14xW series Symbol Description Min. Typ. Max. Unit tPOR After a POR event, amount of time from the point VDD reaches 3.13 V to execution of the first instruction across the operating temperature range of the chip. — TBD — μs VLPS → RUN TBD — TBD μs STOP1 → RUN TBD TBD TBD μs STOP2 → RUN TBD TBD TBD μs VLPR → RUN TBD — TBD μs VLPR → VLPS TBD TBD TBD μs VLPS → VLPR TBD TBD TBD μs RUN → Compute operation TBD TBD TBD μs RUN → STOP1 TBD TBD TBD μs RUN → STOP2 TBD TBD TBD μs RUN → VLPS TBD TBD TBD μs RUN → VLPR TBD TBD TBD μs VLPS → Asynchronous DMA Wakeup TBD TBD TBD μs STOP1 → Asynchronous DMA Wakeup TBD TBD TBD μs STOP2 → Asynchronous DMA Wakeup TBD TBD TBD μs Pin reset → Code execution — TBD — μs 4.7 Power consumption The following table shows the power consumption targets for the device in various mode of operations. Attached S32K1xx_Power_Modes _Configuration.xlsx details the modes used in gathering the power consumption data stated in the following table Table 13. For full functionality refer to table: Module operation in available power modes of the Reference Manual . General S32K1xx Data Sheet, Rev. 12, 02/2020 20 NXP Semiconductors |