| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CH710-CF bảng dữ liệu(PDF) 2 Page - Apacer Technology Inc. |
|
|
|||||||||||||||||||||||||||||
CH710-CF bảng dữ liệu(HTML) 2 Page - Apacer Technology Inc. |
|
2 / 5 page ![]() CH710-CF Overview Apacer industrial CH710-CF card is compliant with the CF 6.1 standard compatible specifications. Apacer adopts the standard 50-pin connector and MLC chip with higher capacity for the card. It is available in capacities from 8GB to 64GB. The data transfer mode is up to PIO Mode 6, Multiword DMA Mode 4, Ultra DMA Mode 6, with the sequential read/write speed reaching as fast as 115/80 MB/sec. To help data stay correct, this CH710-CF memory card also supports 96-bit ECC function, wear- leveling function, S.M.A.R.T. (Self-Monitoring, Analysis, and Reporting Technology) and Supply voltage power-down detection for full power-down robustness, thereby substantially enhancing product reliability. *The actual available memory on the device is less than what is listed on the package. This is due to small discrepancies in file formats and algorithms used by various operating systems. In addition, a portion of memory space is reserved for system files and data sectors for better performance. |