| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CF6A-SL bảng dữ liệu(PDF) 2 Page - Apacer Technology Inc. |
|
|
|||||||||||||||||||||||||||||
CF6A-SL bảng dữ liệu(HTML) 2 Page - Apacer Technology Inc. |
|
2 / 5 page ![]() Industrial CF6A-SL Overview Apacer industrial CF6A-SL card is compliant with the CFA 6.0 specifications. Apacer adopts the standard 50-pin connector and MLC chip for lower cost. Moreover, CF6A-SL with Apacer's SLC-lite technology that strikes a cost-performance balance between MLC and SLC flash types and it is an ideal alternative solution for mission- critical embedded or industrial applications with the special firmware to simulate the performance and durability of industrial grade flash SLC, which P/E cycle is enhanced up to 20,000 times, but lower cost. It is available in capacities from 4GB to 32GB. The data transfer mode is up to PIO Mode 6 , Multiword DMA Mode 4 ,Ultra DMA Mode 7 , PCMCIA UDMA Mode 7, with the sequential read/write speed reaching as fast as 115/80 MB/sec. To help data stay correct, this CF6A-SL memory card also supports 72-bit ECC function, wear-leveling function and S.M.A.R.T. (Self-Monitoring, Analysis, and Reporting Technology), thereby substantially enhancing product reliability.. *The actual available memory on the device is less than what is listed on the package. This is due to small discrepancies in file formats and algorithms used by various operating systems. In addition, a portion of memory space is reserved for system files and data sectors for better performance. |