| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AFD257 bảng dữ liệu(PDF) 2 Page - Apacer Technology Inc. |
|
|
|||||||||||||||||||||||||||||
AFD257 bảng dữ liệu(HTML) 2 Page - Apacer Technology Inc. |
|
2 / 4 page ![]() AFD257 Overview ‧ Perfect replacement of traditional 2.5"" PATA HDDs ‧ Advanced wear-leveling and Block Management ‧ Built-in ATA Secure Erase and S.M.A.R.T. Functions ‧ Intelligent Power Failure Recovery The AFD257 SSD is the next generation of storage device based on an advanced industrial flash memory technology, it has a tough outer metal case, enormous capacities, high reliability and anti-shock features that make it ideal to replace traditional HDD. In response to customer needs, Apacer launched this AFD 257 SSD with Data Security benefit. It comes with three built-in data security functions - Full Erase, Destroy, and Write Protect to provide advanced and upgraded data security advantages. Feature |