| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2123 bảng dữ liệu(PDF) 59 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2123 bảng dữ liệu(HTML) 59 Page - NXP Semiconductors |
|
59 / 65 page ![]() PCF85063A All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2018. All rights reserved. Product data sheet Rev. 7 — 30 March 2018 59 of 65 NXP Semiconductors PCF85063A Tiny Real-Time Clock/calendar with alarm function and I2C-bus 22. References [1] AN10365 — Surface mount reflow soldering description [2] AN10366 — HVQFN application information [3] AN11247 — Improved timekeeping accuracy with PCF85063, PCF8523 and PCF2123 using an external temperature sensor [4] IEC 60134 — Rating systems for electronic tubes and valves and analogous semiconductor devices [5] IEC 61340-5 — Protection of electronic devices from electrostatic phenomena [6] IPC/JEDEC J-STD-020 — Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices [7] JESD22-A114 — Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model (HBM) [8] JESD22-C101 — Field-Induced Charged-Device Model Test Method for Electrostatic-Discharge-Withstand Thresholds of Microelectronic Components [9] JESD78 — IC Latch-Up Test [10] JESD625-A — Requirements for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices [11] SNV-FA-01-02 — Marking Formats Integrated Circuits [12] SOT96-1_515 — SO8; Reel pack; SMD, 7", packing information [13] SOT96-1_518 — SO8; Reel pack; SMD, 13", packing information [14] SOT505-1_118 — TSSOP8; Reel pack; SMD, 13", packing information [15] SOT1197-1_115 — DFN2626-10; Reel pack; SMD, 7", packing information [16] UM10204 — I2C-bus specification and user manual [17] UM10301 — User Manual for NXP Real Time Clocks PCF85x3, PCA8565 and PCF2123, PCA2125 [18] UM10569 — Store and transport requirements [19] UM10788 — User manual for I2C-bus RTC demo board OM13515 |