công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF85263A bảng dữ liệu(PDF) 64 Page - NXP Semiconductors

tên linh kiện PCF85263A
Giải thích chi tiết về linh kiện  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263A bảng dữ liệu(HTML) 64 Page - NXP Semiconductors

Back Button PCF85263A Datasheet HTML 57Page - NXP Semiconductors PCF85263A Datasheet HTML 58Page - NXP Semiconductors PCF85263A Datasheet HTML 59Page - NXP Semiconductors PCF85263A Datasheet HTML 60Page - NXP Semiconductors PCF85263A Datasheet HTML 61Page - NXP Semiconductors PCF85263A Datasheet HTML 62Page - NXP Semiconductors PCF85263A Datasheet HTML 63Page - NXP Semiconductors PCF85263A Datasheet HTML 64Page - NXP Semiconductors PCF85263A Datasheet HTML 65Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 64 / 65 page
background image
PCF85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 7 — 30 March 2018
64 of 65
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
27. Figures
Fig 1.
Block diagram of PCF85063A . . . . . . . . . . . . . . . .3
Fig 2.
Pin configuration for SO8 (PCF85063AT) . . . . . . .4
Fig 3.
Pin configuration for DFN2626-10
(PCF85063ATL) . . . . . . . . . . . . . . . . . . . . . . . . . . .4
Fig 4.
Pin configuration for TSSOP8 (PCF85063ATT). . .4
Fig 5.
Handling address registers . . . . . . . . . . . . . . . . . .6
Fig 6.
STOP bit functional diagram . . . . . . . . . . . . . . . .10
Fig 7.
STOP bit release timing . . . . . . . . . . . . . . . . . . . . 11
Fig 8.
Software reset command . . . . . . . . . . . . . . . . . . .12
Fig 9.
Interrupt scheme . . . . . . . . . . . . . . . . . . . . . . . . .14
Fig 10. INT example for MI . . . . . . . . . . . . . . . . . . . . . . .15
Fig 11. Offset calibration calculation workflow . . . . . . . . .20
Fig 12. Result of offset calibration . . . . . . . . . . . . . . . . . .21
Fig 13. OS flag . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
Fig 14. Data flow for the time function . . . . . . . . . . . . . . .25
Fig 15. Access time for read/write operations . . . . . . . . .26
Fig 16. Alarm function block diagram. . . . . . . . . . . . . . . .29
Fig 17. General countdown timer behavior . . . . . . . . . . .31
Fig 18. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33
Fig 19. Definition of START and STOP conditions. . . . . .33
Fig 20. System configuration . . . . . . . . . . . . . . . . . . . . . .34
Fig 21. Acknowledgement on the I2C-bus . . . . . . . . . . . .34
Fig 22. Master transmits to slave receiver
(WRITE mode) . . . . . . . . . . . . . . . . . . . . . . . . . . .35
Fig 23. Master reads after setting register address
(write register address; READ data) . . . . . . . . . .36
Fig 24. Device diode protection diagram of PCF85063A.37
Fig 25. Typical IDD with respect to fSCL . . . . . . . . . . . . . .40
Fig 26. Typical IDD as a function of temperature . . . . . . .41
Fig 27. Typical IDD with respect to VDD . . . . . . . . . . . . . .42
Fig 28. IDD with respect to quartz RS . . . . . . . . . . . . . . . .43
Fig 29. Oscillator frequency variation with respect
to VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .43
Fig 30. I2C-bus timing diagram; rise and fall times
refer to 30 % and 70 % . . . . . . . . . . . . . . . . . . . .45
Fig 31. Application diagram for PCF85063A . . . . . . . . . .46
Fig 32. Package outline SOT96-1 (SO8) of
PCF85063AT . . . . . . . . . . . . . . . . . . . . . . . . . . . .47
Fig 33. Package outline SOT1197-1 (DFN2626-10) of
PCF85063ATL . . . . . . . . . . . . . . . . . . . . . . . . . . .48
Fig 34. Package outline SOT505-1 (TSSOP8) of
PCF85063ATT . . . . . . . . . . . . . . . . . . . . . . . . . . .49
Fig 35. Temperature profiles for large and small
components . . . . . . . . . . . . . . . . . . . . . . . . . . . . .53
Fig 36. Footprint information for reflow soldering of
SOT96-1 (SO8) of PCF85063AT . . . . . . . . . . . . .53
Fig 37. Footprint information for reflow soldering of
SOT1197-1 (DFN2626-10) of PCF85063ATL . . .54
Fig 38. Footprint information for reflow soldering of
SOT505-1 (TSSOP8) of PCF85063ATT . . . . . . .55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65