| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF85063ATT bảng dữ liệu(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85063ATT bảng dữ liệu(HTML) 36 Page - NXP Semiconductors |
|
36 / 65 page ![]() PCF85063A All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2018. All rights reserved. Product data sheet Rev. 7 — 30 March 2018 36 of 65 NXP Semiconductors PCF85063A Tiny Real-Time Clock/calendar with alarm function and I2C-bus 9.5.2.1 I2C-bus error recovery technique Slave devices like the PCF85063A use a state machine to implement the I2C protocol and expect a certain sequence of events to occur to function properly. Unexpected events at the I2C master can wreak havoc with the slaves connected on the bus. However, it is usually possible to recover deterministically to a known bus state with careful protocol manipulation. A deterministic method to clear this situation if SDA is stuck LOW (it effectively blocks any other I2C-bus transaction, once the master recognizes a ‘stuck bus’ state), is for the master to blindly transmit nine clocks on SCL. If the slave was transmitting data or acknowledging, nine or more clocks ensures the slave state machine returns to a known, idle state since the protocol calls for eight data bits and one ACK bit. It does not matter when the slave state machine finishes its transmission; extra clocks are recognized as STOP conditions. With careful design of the bus master error recovery firmware, many I2C-bus protocol problems can be avoided. S/W considerations: NXP recommends customers allow for S/W reset capability to enable the bus error recovery technique. The 9-clock pulse method as described above involves a bus-master capable of providing such a signal. Further comments/additional information are available in Ref. 17 “UM10301” and Ref. 16 “UM10204”. For multimaster configurations and to fasten the communication, the STOP-START sequence can be replaced by a repeated START (Sr). Fig 23. Master reads after setting register address (write register address; READ data) |