| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IPS160HF bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IPS160HF bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 27 page ![]() 7 Active VDS clamp Active clamp is also known as fast demagnetization of inductive loads or fast current decay. When a high-side driver turns off an inductance, an undervoltage is detected on output. The OUT pin is pulled down to Vdemag. The conduction state is modulated by internal circuitry in order to keep the OUT pin voltage at about Vdemag until the load energy has been dissipated. The energy is dissipated both in the IC internal switch and in the load resistance. Figure 10. Active clamp equivalent principle schematic OUT GND SUPPLY RAIL GROUND PLANE APPLICATION BOARD IC L LOAD Clamp circuitry VCC EXPOSED PAD IPS160HF, IPS161HF Active VDS clamp DS13271 - Rev 2 page 16/27 |