| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IIS2MDCTR bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IIS2MDCTR bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 40 page ![]() Package information IIS2MDC 36/40 DocID030986 Rev 1 9 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. 9.1 LGA-12 package information Figure 9. LGA-12 2.0 x 2.0 x 0.7 mm package outline and mechanical data |