| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MGC3130 bảng dữ liệu(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MGC3130 bảng dữ liệu(HTML) 30 Page - Microchip Technology |
|
30 / 49 page ![]() Figure 7-1. Example for TS Line Indication and Following Read Operation TS SCL SDA Note: The TS line handling of the MGC3140 is different to MGC3x30 devices. With the MGC3140 there is no need for the host to assert the TS line. 7.2.2 I2C Message Buffer The MGC3140 has an internal FIFO I2C message buffer for a total of five messages. After a I2C message read process is started by the host, the message will be deleted from the buffer. Also if the I2C transfer of a message is read by the host and the transfer is interrupted, the message will be deleted. For further information, refer to “MGC3140 - GestIC Library Interface Description User’s Guide”(DS40001875). 7.2.3 I2C Addressing The MGC3140 Device ID 7-bit address is: 0x42 (0b1000010) depending on the interface selection pin configuration. Refer to the table below: Table 7-4. I2C Device ID Address Device ID Address, 7-bit Address offset A7 A6 A5 A4 A3 A2 A1 0x42 1 0 0 0 0 1 0 0x43 1 0 0 0 0 1 1 7.2.4 Timing Descriptions I2C Clock - The I2C clock operates up to 400 kHz. MGC3140 Interface Description © 2018 Microchip Technology Inc. DS40002037A-page 30 |