| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP0701 bảng dữ liệu(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LP0701 bảng dữ liệu(HTML) 12 Page - Microchip Technology |
|
12 / 14 page ![]() LP0701 DS20005447A-page 12 2018 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office . Examples: a) LP0701N3-G: P-Channel Enhancement- Mode Lateral MOSFET, 3-lead TO-92, 1000/Bag b) LP0701LG-G: P-Channel Enhancement- Mode Lateral MOSFET, 8-lead SOIC, 3300/Reel PART NO. Device Device: LP0701 = P-Channel Enhancement-Mode Lateral MOSFET Packages: N3 = 3-lead TO-92 LG = 8-lead SOIC Environmental: G = Lead (Pb)-free/RoHS-compliant Package Media Types: (blank) = 1000/Bag for an N3 Package (blank) = 3300/Reel for an LG Package XX Package - X - X Environmental Media Type Options |