công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1714944 bảng dữ liệu(PDF) 6 Page - PHOENIX CONTACT

tên linh kiện 1714944
Giải thích chi tiết về linh kiện  SMD male connectors - FP 1,27/ 68-MV 1,75
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHOENIX [PHOENIX CONTACT]
Trang chủ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1714944 bảng dữ liệu(HTML) 6 Page - PHOENIX CONTACT

  1714944 Datasheet HTML 1Page - PHOENIX CONTACT 1714944 Datasheet HTML 2Page - PHOENIX CONTACT 1714944 Datasheet HTML 3Page - PHOENIX CONTACT 1714944 Datasheet HTML 4Page - PHOENIX CONTACT 1714944 Datasheet HTML 5Page - PHOENIX CONTACT 1714944 Datasheet HTML 6Page - PHOENIX CONTACT 1714944 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1714944
10/22/2020   Page 6 / 7
SMD male connectors - FP 1,27/ 68-MV 1,75 - 1714944
Accessories
IDC female connectors - FP 1,27/ 68-FWL - 1714910
IDC female connector, Nominal current at 20 °C: 1.2 A, Test voltage: 500 V AC, number of positions: 68, pitch: 1.27
mm, color: black, contact surface: Gold
 
 
Preassembled IDC female connector - FP 1,27/ 68-FWL-10/.../... - 1010253
Assembled IDC female connector, rated current: 1.2 A, cable length: Free input (0.05 ... 0.95 m), Cable type:Flat-
ribbon conductor, Flat-ribbon conductor
 
 
Preassembled IDC female connector - FP 1,27/ 68-FWL-11/.../... - 1010244
Assembled IDC female connector, rated current: 1.2 A, cable length: Free input (0.05 ... 0.95 m), Cable type:Flat-
ribbon conductor, Flat-ribbon conductor
 
 
Preassembled IDC female connector - FP 1,27/ 68-FWL-12/.../... - 1010235
Assembled IDC female connector, rated current: 1.2 A, cable length: Free input (0.05 ... 0.95 m), Cable type:Flat-
ribbon conductor, Flat-ribbon conductor
 
 
Preassembled IDC female connector - FP 1,27/ 68-FWL-20/.../... - 1010221
Assembled IDC female connector, rated current: 1.2 A, cable length: Free input (0.05 ... 0.95 m), Cable type:Flat-
ribbon conductor, Flat-ribbon conductor
 
 



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com