| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS210-18 bảng dữ liệu(PDF) 2 Page - Apacer Technology Inc. |
|
|
|||||||||||||||||||||||||||||
SS210-18 bảng dữ liệu(HTML) 2 Page - Apacer Technology Inc. |
|
2 / 5 page ![]() SS210-18 Overview Apacer’s SS210-18 is a well-balanced solid-state disk (SSD) drive with standard form factor and great performance. Designed in SATA 6 Gb/s interface, the SSD is able to deliver exceptional read/write speed, making it the ideal companion for heavy-loading industrial or server operations. In regard of reliability, the drive comes with various implementations including powerful hardware ECC engine, power saving modes, wear leveling, flash block management, S.M.A.R.T., TRIM, and DataDefender™. * The actual available memory on the device is less than what is listed on the package. This is due to small discrepancies in file formats and algorithms used by various operating systems. In addition, a portion of memory space is reserved for system files and data sectors for better performance. |