| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSC8101 bảng dữ liệu(PDF) 18 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8101 bảng dữ liệu(HTML) 18 Page - Freescale Semiconductor, Inc |
|
18 / 28 page ![]() Silicon Errata for the MSC8101 Processor, Mask 0K40A, Rev. 5 18 Freescale Semiconductor CPM49 Error in FEC CAM address recognition Date Added: 3/14/2002 Description: External CAM address recognition in Fast Ethernet controller does not function. Workaround: Use microcode patch available from Freescale. System Number: 5404 Fix Plan: RevA 0K40A CPM50 MCC Transparent Super Channel Loss of Alignment Date Added: 5/30/2000 Description: When the MCC is configured to work in Transparent, super channel first sync slot synchronization, loss of alignment may occur when the first data (idles) on the Rx data line match- es the value of the RCVSYNC parameter. Workaround: Write to RCVSYNC a pattern which cannot appear in the Rx data line. System Number: 5833 Fix Plan: Rev A 0K40A CPM54 Error in switching to and from shadow SI ram. Date Added: 12/10/2000, modified 15/10/2002 Description: Dynamic switching in SIRAM may not be executed properly. Workaround: In SI RAM, when working with shadow RAM, the last entry (n) and the entry im- mediately before the last entry (n-1) MUST have at least one common bit in the CNT or BYT fields. For example: SIRAM Entry CNTBYT n-1 000 1 n 010 1 The above is okay n-1 101 0 n 001 0 The above is okay n-1 100 0 n 001 0 The above is not okay. System Number: 6282, 6283 Fix Plan: RevA 0K40A CPM55 Error in ATM_Transmit command. Date Added: 12/10/2000 Description: The ATM_Transmit command does not execute correctly when used on APC pri- ority above 4. Workaround: None. System Number: 6162 Fix Plan: Rev A 0K40A Table 2. Silicon Errata (Continued) Errata Number Errata Description Applies to Mask |