| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M1E2G4BPI80-SD-R bảng dữ liệu(PDF) 1 Page - Silicom Ltd. |
|
|
|||||||||||||||||||||||||||||
M1E2G4BPI80-SD-R bảng dữ liệu(HTML) 1 Page - Silicom Ltd. |
|
1 / 7 page ![]() Silicom Ltd. Connectivity Solutions Page 1 M1E2G4BPi80 Quad Port Copper Gigabit Ethernet Express Module Bypass Server Adapter Product Description Silicom’s Quad Port Copper Gigabit Ethernet ExpressModule Bypass server adapter is a PCI-Express X8 network interface card that contains four ports on a PCI-E adapter. Silicom’s Quad Port Gigabit Ethernet Bypass server adapter supports Normal and Bypass modes. In Normal mode, the ports are independent interfaces. In Bypass mode, all packets received from one port are transmitted to adjacent port. In Disconnect mode, the adapter simulates switch / rout cable disconnection. In Bypass mode, the connections of the Ethernet ports are disconnected from the system and switched over to the other port to create a crossed connection loop-back between the Ethernet ports. Hence, in bypass mode all packets received from one port are transmitted to the adjacent port and vice versa. This feature enables to bypass a failed system and provides maximum up time for the network. In Disconnect mode, the adapter simulates switch / router cable disconnection. In Disconnect mode, the switch / router does not detect link partner of the adapter. Silicom’s Quad Port Copper Gigabit Ethernet ExpressModule Bypass server adapters include an on board WDT (Watch Dog Timer) controller. The adapter’s software drivers or software application can write commands to the on board WDT controller. The adapter’s software drivers, WDT controller and the Bypass circuitry provide an interface that control and manage the mode of the adapter. Silicom’s Quad Port Copper Gigabit Ethernet ExpressModule Bypass server adapters are based on Intel 82580EB Ethernet controller with quad fully integrated Gigabit Ethernet Media Access Control (MAC) and PHY. In addition to managing MAC and PHY Ethernet layer functions, the controller manages PCI Express packet traffic across its transaction, link, and physical/logical layers. |
Số phần tương tự - M1E2G4BPI80-SD-R |
|
Mô tả tương tự - M1E2G4BPI80-SD-R |