công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

47L04 bảng dữ liệu(PDF) 13 Page - Microchip Technology

tên linh kiện 47L04
Giải thích chi tiết về linh kiện  4K/16K I2C Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L04 bảng dữ liệu(HTML) 13 Page - Microchip Technology

Back Button 47L04 Datasheet HTML 9Page - Microchip Technology 47L04 Datasheet HTML 10Page - Microchip Technology 47L04 Datasheet HTML 11Page - Microchip Technology 47L04 Datasheet HTML 12Page - Microchip Technology 47L04 Datasheet HTML 13Page - Microchip Technology 47L04 Datasheet HTML 14Page - Microchip Technology 47L04 Datasheet HTML 15Page - Microchip Technology 47L04 Datasheet HTML 16Page - Microchip Technology 47L04 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
 2015-2016 Microchip Technology Inc.
DS20005371C-page 13
47L04/47C04/47L16/47C16
2.3.2
READ OPERATION
When the SRAM array is selected and the R/W bit is
set to ‘1’, a read operation is selected. For read opera-
tions, the array address is not transmitted. Instead, the
internal Address Pointer is used to determine where
the read starts.
During read operations, the master device generates
the Acknowledge bit after each data byte, and it is this
bit which determines whether the operation will con-
tinue or end. A ‘0’ (Acknowledge) bit requests more
data and continues the read, while a ‘1’ (No Acknowl-
edge) bit ends the read operation.
2.3.2.1
Current Address Read
The current address read operation relies on the
current value of the Address Pointer to determine from
where to start reading. The Address Pointer is
automatically incremented after each data byte is read
or written. Therefore, if the previous access was to
address ‘n’ (where ‘n’ is any legal address), the next
current address read operation would access data
beginning with address ‘n+1’.
Upon receipt of the control byte with the R/W bit set to
‘1’, the 47XXX issues an Acknowledge and transmits
the 8-bit data byte. The master will not acknowledge
the transfer, but does generate a Stop condition and
the 47XXX discontinues transmission (Figure 2-6).
FIGURE 2-6:
SRAM CURRENT
ADDRESS READ
2.3.2.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, first the Address Pointer
must be set. This is done by sending the array address
to the 47XXX as part of a write operation (R/W bit set
to ‘0’). After the array address is sent, the master
generates
a
Start
condition
following
the
Acknowledge. This terminates the write operation, but
not before the Address Pointer has been set. Then,
the master issues the SRAM control byte again, but
with the R/W bit set to a ‘1’. The 47XXX will then issue
an Acknowledge and transmit the 8-bit data byte. The
master will not Acknowledge the transfer but does
generate a Stop condition, which causes the 47XXX to
discontinue transmission (Figure 2-7). After a random
read operation, the Address Pointer will point to the
address location following the one that was just read.
2.3.2.3
Sequential Read
Sequential reads are initiated in the same way as a
random read, except that after the 47XXX transmits
the first data byte, the master issues an Acknowledge
as opposed to the Stop condition used in a random
read. The Acknowledge directs the 47XXX to transmit
the
next
sequentially
addressed
8-bit
byte
(Figure 2-8). Following the final byte transmitted to the
master, the master will NOT generate an Acknowledge
but will generate a Stop condition. To provide sequen-
tial reads, the 47XXX increments the internal Address
Pointer by one after the transfer of each data byte.
This allows the entire memory contents to be serially
read during one operation. The Address Pointer will
automatically roll over at the end of the array to
address 0x000 after the last data byte in the array has
been transferred.
FIGURE 2-7:
SRAM RANDOM READ
Bus Activity
Master
SDA Line
Bus Activity
P
S
S
T
O
P
Control
Byte
S
T
A
R
T
Data
A
C
K
N
O
A
C
K
11
00 AA
1
Byte
21
0
Bus Activity
Master
SDA Line
Bus Activity
A
C
K
N
O
A
C
K
A
C
K
A
C
K
A
C
K
S
T
O
P
S
T
A
R
T
Control
Byte
Address
High Byte
Address
Low Byte
Control
Byte
Data
Byte
S
T
A
R
T
S 10 10 AA
0
21
S 1 010 AA
1
21
P
0
XXX X X
0
YY
X = Don’t Care
Y = Don’t Care for 47X04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com