công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI-9527 bảng dữ liệu(PDF) 2 Page - Adlink Technology Inc.

tên linh kiện PCI-9527
Giải thích chi tiết về linh kiện  24-Bit High-Resolution Dynamic Signal Acquisition and Generation Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADLINK [Adlink Technology Inc.]
Trang chủ  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

PCI-9527 bảng dữ liệu(HTML) 2 Page - Adlink Technology Inc.

  PCI-9527 Datasheet HTML 1Page - Adlink Technology Inc. PCI-9527 Datasheet HTML 2Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Updated September 23, 2014. ©2014 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.
Differential
Configuration
Pseudodifferential
Configuration
Between
positive output
and chassis
ground
2.2 KΩ
83 Ω
Between
negative output
and chassis
ground
2.2 KΩ
50 Ω
Between
positive and
negative
outputs
33 Ω
33 Ω
Cable Accessories
Cable
Description
SMB-SMB-1M
1 meter SMB to SMB cable
SMB-BNC-1M
1 meter SMB to BNC cable
Ordering Information
■ PCI-9527
2-CH 24-Bit 432 kS/s High-Resolution Dynamic Signal
Acquisition and Generation module for PCI bus
■ PXI-9527
2-CH 24-Bit 432 kS/s High-Resolution Dynamic Signal
Acquisition and Generation module for PXI bus
Analog Output
Number of output channels: 2
Output configuration:
Differential or pseudo-differential, each channel
independently software-selectable
DAC resolution: 24-bit
DAC type: Sigma-Delta
Update rate:
1 kS/s to 216 kS/s in 227.3 μS/s increments
FIFO buffer size: 2048 samples for each analog
output channel
Output signal range: ±0.1 V, ±1 V, ±10 V
Voltage output coupling: DC
Minimum working load: 600 Ω
AO Offset error and gain error:
Output impedance:
AI0
AI1
AO0
AO1
Ext. Trig
Ext. Trig
AI0
AI1
AO0
AO1
IO connector definition
IO connector definition
AI Offset Error
Input
Range
Offset
(±mV)
±40 V
0.5
±10 V
0.2
±3.16 V
0.1
±1 V
0.05
±0.316 V
0.05
Crosstalk
Crosstalk
Adjacent channel
< -100 dB
Measured with ±10 V input
Input signal is 18 Vpp @ 1KHz sine wave
Analog Input Channel Bandwidth
Input Range
Bandwidth (-3dB)
±40 V, ±10 V, ±3.16 V, ±1 V,
±0.316 V
130 KHz
Output Range
AO Offset
Error
AO Gain Error
±0.1 V
±0.05 mV
0.4%
±1 V
±0.25 mV
0.4%
±10 V
±1 mV
0.4%
Analog output, -3dB bandwidth: 110 KHz
AO THD+N
Triggers
Trigger sources:
· Software trigger
· Analog trigger
· External digital trigger
· PXI Star trigger (PXI-9527)
· PXI Trigger bus [0..7] (PXI-9527)
Trigger mode:
· Post-trigger
· Delay-trigger
Analog trigger
· Source: AI0, AI1
· Trigger level: full scale input range
· Trigger conditions: positive or negative trigger,
software selectable
· Trigger resolution: 24-bit
External digital trigger
· Source: front panel SMB connector
· Compatibility: 5 V TTL
· Trigger polarity: rising or falling edge
· Pulse width: 300 ns minimum
System Timebase Characteristics
Clock frequency: 80 MHz
Accuracy: ±20 ppm, over operating temperature
range
Timebase source
Internal (on board): 125 MHz
External: PXI backplane 10 MHz (PXI version)
General Specifications
I/O connector
· BNC x 4 for analog inputs/outputs
· SMB x 1 for external trigger
PCI Bus Signaling: Universal PCI, support 3.3 V
and 5 V PCI signals
Dimensions (not including connectors)
· PCI-9527: 175 mm (W) x 107 mm (H) (6.82” x 4.17”)
· PXI-9527: 160 mm (W) x 100 mm (H) (6.24” x 3.9”)
Ambient temperature (Operational):
· 0˚C to 55˚C (32˚F to 131˚F) (PXI version)
· 0˚C to 50˚C (32˚F to 122˚F) (PCI version)
Ambient temperature (Storage):
· -20˚C to 80˚C (-4˚F to 176˚F)
Relative humidity:
· 10% to 90% non-condensing
Output Range
100 Hz to 20 KHz, 200 kS/s
± 0.1 V
-89 dB
± 1 V
-101 dB
± 10 V
-101 dB
Power Rail
Standby
Current
(mA)
Full Load (mA)
+5 V
930
2330
+12 V
310
350
Calibration
Onboard reference: +5 V
Temperature coefficient: ≦ ±5 ppm/°C
Recommend Warm-up time: 15 minute
Power Requirement
Certifications
EMC/EMI: CE, FCC Class A
PCI-9527
PXI-9527
AC couple bandwidth
· -3dB cutoff frequency: 3.5 Hz
· -0.1dB cutoff frequency: 26 Hz
AI Gain Error
Input
Range
±40V
±0.5%
±30V~±0.316V
±0.2%
High-Resolution Modules
2-20
www.adlinktech.com



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com