| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF24AP2-USBQ32-R7 bảng dữ liệu(PDF) 25 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
NRF24AP2-USBQ32-R7 bảng dữ liệu(HTML) 25 Page - List of Unclassifed Manufacturers |
|
25 / 44 page ![]() Revision 1.0 Page 25 of 44 nRF24AP2-USB Product Specification 5.3.4 String descriptors String descriptors provide information about the manufacturer, product and serial number for the nRF24AP2-USB. These strings can be modified, see section 5.3.5 on page 25. String Index 0 returns a list of supported languages. Table 10. String index 0 (language identifier) Table 11. String index 1 (manufacturer string) Table 12. String index 2 (product string) Table 13. String index 3 (serial number string) 5.3.5 Customize descriptors The nRF24AP2-USB is programmed with default VID/PID values which allow it to function with the drivers and libraries provided by ANT. However, it is possible to customize the nRF24AP2-USB. You can custom- ize the following values and string descriptors: • Vendor ID (VID) • Product ID (PID) • Manufacturer string • Product string • Serial number Field Notes Value Description bLength 0x04 4 bDescriptorType 0x03 STRING wLANGID[0] 0x0409 English (US) Field Notes Value Description bLength 0x30 48 bDescriptorType 0x03 STRING bString a a. This field can be customized with your own manufacturer string “Dynastream Innovations” Field Notes Value Description bLength 0x1E 30 bDescriptorType 0x03 STRING bString a a. This field can be customized with your own product string "ANT USBStick2" Field Notes Value Description bLength 0x2A 42 bDescriptorType 0x03 STRING bString a a. This field can be customized with your own serial number “123” |