| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P6SMBF12 bảng dữ liệu(PDF) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
|
|||||||||||||||||||||||||||||
P6SMBF12 bảng dữ liệu(HTML) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
4 / 5 page ![]() SMBFJ6.8A(CA) THRU SMBFJ550A(CA) SMBF 4 / 5 www.yfwdiode.com Dongguan YFW Electronics Co, Ltd. Fig.1 Peak Pulse Power Rating Curve 1 0.1 0.1 1.0 10 100 10 100 1000 10000 20 40 60 80 100 0 25 50 75 100 125 150 175 Fig.2 Forward Current Derating Curve Fig.4 Maximum Non-Repetitive Peak Forward Surge Current 10 100 1 0 20 40 60 100 80 120 td,PULSE WIDTH ,us 20 40 60 80 100 0 Fig.3 Pulse Waveform 0 1.0 2.0 3.0 4.0 120 T,TIME,ms t =10usec f Peak Value Ippm Half Value-Ipp/2 10/1000usec Waveform as Defined bye R.E.A. Pulse Width (td) is Defined as the Point where the Peak. Current Decayst to 50% of Ipp TA=25 °C Number of Cycles at 60Hz T =T max J J 8.3ms Single Half Sinepwave JEDEC Method T ,AMBIENT TEMPERATURE, A °C Non-Repetive Pulse.Wavefom Shown in Figure.3 T =25 A °C |